Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY60 Datasheet (PDF) - Siemens Semiconductor Group

CGY60 Datasheet PDF - Siemens Semiconductor Group
Part # CGY60
Download  CGY60 Download

File Size   38.47 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)

CGY60 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY60 Datasheet PDF - Siemens Semiconductor Group

Part # CGY60
Download  CGY60 Click to download

File Size   38.47 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)

CGY60 Datasheet (HTML) - Siemens Semiconductor Group

CGY60 Datasheet HTML 1Page - Siemens Semiconductor Group CGY60 Datasheet HTML 2Page - Siemens Semiconductor Group CGY60 Datasheet HTML 3Page - Siemens Semiconductor Group CGY60 Datasheet HTML 4Page - Siemens Semiconductor Group CGY60 Datasheet HTML 5Page - Siemens Semiconductor Group CGY60 Datasheet HTML 6Page - Siemens Semiconductor Group CGY60 Datasheet HTML 7Page - Siemens Semiconductor Group

CGY60 Product details

GaAs MMIC

* Low noise preamplifier for mobile communication (PCN, DECT, GSM) in 2.7V to 6V systems
* Biased monolithic microwave IC (MMIC) Matched to 50Ω for 1.7 to 2GHz
* Easily matchable to 50Ω for lower frequencies (i.e. GSM-application)
* No bias coil needed
* Low noise figure and high gain (typ. NF=1.9dB, G=12.5dB @ 3V, 1.85GHz)
* Low power consumption
* Frequency range 200 MHz ... 2.5 GHz




Similar Part No. - CGY60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY62 SIEMENS-CGY62 Datasheet
25Kb / 5P
   GaAs MMIC (Two-stage microwave broadband amplifier IC 50 廓 input / output)
More results


Similar Description - CGY60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY59 SIEMENS-CGY59 Datasheet
48Kb / 8P
   GaAs MMIC (Low noise preamplifier for mobile communication PCN, DECT, GSM in 2.7V to 6V systems)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
BFR280W SIEMENS-BFR280W Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems
logo
NXP Semiconductors
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
   Power amplifier controller for GSM and PCN systems
1999 Apr 12
logo
Siemens Semiconductor G...
BFS480 SIEMENS-BFS480 Datasheet
52Kb / 6P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280W SIEMENS-BFP280W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR280 SIEMENS-BFR280 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP136W SIEMENS-BFP136W Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For power amplifier in DECT and PCN systems)
logo
NXP Semiconductors
PCF5077T PHILIPS-PCF5077T Datasheet
120Kb / 24P
   Power amplifier controller for GSM and PCN systems
1997 Nov 19
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com