Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDN1131 Datasheet (PDF) - Siemens Semiconductor Group

HDN1131 Datasheet PDF - Siemens Semiconductor Group
Part # HDN1131
Download  HDN1131 Download

File Size   50.12 Kbytes
Page   1 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 0.59(13MM) SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT

HDN1131 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDN1131 Datasheet PDF - Siemens Semiconductor Group

Part # HDN1131
Download  HDN1131 Click to download

File Size   50.12 Kbytes
Page   1 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 0.59(13MM) SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT

HDN1131 Datasheet (HTML) - Siemens Semiconductor Group

HDN1131 Datasheet HTML 1Page - Siemens Semiconductor Group

HDN1131 Product details

DESCRIPTION
The HDN1131/1133 are one digit, seven segment, low current LED displays. The character height is 10 mm. The displays are available in super-red and green. Applications include state-of-the-art industrial and consumer electronics, especially where low current consumption is required, e.g. portable appliances and battery-operated appliances.




Similar Part No. - HDN1131

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HDN1131O SIEMENS-HDN1131O Datasheet
522Kb / 5P
   SEVEN SEGMENT DISPLAY 13MM LOW CURRENT VERSION
More results


Similar Description - HDN1131

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HD1131R SIEMENS-HD1131R Datasheet
78Kb / 2P
   0.51(13MM) SEVEN SEGMENT NUMERIC DISPLAY
HDN1131O SIEMENS-HDN1131O Datasheet
522Kb / 5P
   SEVEN SEGMENT DISPLAY 13MM LOW CURRENT VERSION
HD1131 SIEMENS-HD1131 Datasheet
644Kb / 6P
   SEVEN SEGMENT DISPLAY 13MM
HDN1105 SIEMENS-HDN1105 Datasheet
67Kb / 1P
   0.39(10MM) SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
logo
Siemens Semiconductor G...
HD1105R SIEMENS-HD1105R Datasheet
86Kb / 2P
   0.39(10MM) SEVEN SEGMENT NUMERIC DISPLAY
logo
Lite-On Technology Corp...
LTD-5521AE LITEON-LTD-5521AE Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTS-5303AP LITEON-LTS-5303AP Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
logo
Siemens Semiconductor G...
HD1075R SIEMENS-HD1075R Datasheet
79Kb / 2P
   0.28(7MM) SEVEN SEGMENT NUMERIC DISPLAY
logo
Lite-On Technology Corp...
LTD-5623AG LITEON-LTD-5623AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com