Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N0301N Datasheet (PDF) - Renesas Technology Corp

N0301N Datasheet PDF - Renesas Technology Corp
Part # N0301N
Download  N0301N Download

File Size   261.6 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING

N0301N Datasheet (PDF)

Go To PDF Page Download Datasheet
N0301N Datasheet PDF - Renesas Technology Corp

Part # N0301N
Download  N0301N Click to download

File Size   261.6 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING

N0301N Datasheet (HTML) - Renesas Technology Corp

N0301N Datasheet HTML 1Page - Renesas Technology Corp N0301N Datasheet HTML 2Page - Renesas Technology Corp N0301N Datasheet HTML 3Page - Renesas Technology Corp N0301N Datasheet HTML 4Page - Renesas Technology Corp N0301N Datasheet HTML 5Page - Renesas Technology Corp N0301N Datasheet HTML 6Page - Renesas Technology Corp N0301N Datasheet HTML 7Page - Renesas Technology Corp N0301N Datasheet HTML 8Page - Renesas Technology Corp

N0301N Product details

DESCRIPTION
The N0301N is a switching device which can be driven directly by a 4.0 V power source.
The N0301N features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.

FEATURES
• 4.0 V drive available
• Low on-state resistance
   RDS(on)1 = 36 mΩ MAX. (VGS = 10 V, ID = 2.25 A)
   RDS(on)2 = 50 mΩ MAX. (VGS = 4.5 V, ID = 2.25 A)
   RDS(on)3 = 130 mΩ MAX. (VGS = 4.0 V, ID = 2.25 A)
• Built-in gate protection diode




Similar Part No. - N0301N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
N0301N VBSEMI-N0301N Datasheet
484Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
N0301N RENESAS-N0301N_15 Datasheet
261Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - N0301N

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com