Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N0301P Datasheet (PDF) - Renesas Technology Corp

N0301P Datasheet PDF - Renesas Technology Corp
Part # N0301P
Download  N0301P Download

File Size   260.5 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING

N0301P Datasheet (PDF)

Go To PDF Page Download Datasheet
N0301P Datasheet PDF - Renesas Technology Corp

Part # N0301P
Download  N0301P Click to download

File Size   260.5 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING

N0301P Datasheet (HTML) - Renesas Technology Corp

N0301P Datasheet HTML 1Page - Renesas Technology Corp N0301P Datasheet HTML 2Page - Renesas Technology Corp N0301P Datasheet HTML 3Page - Renesas Technology Corp N0301P Datasheet HTML 4Page - Renesas Technology Corp N0301P Datasheet HTML 5Page - Renesas Technology Corp N0301P Datasheet HTML 6Page - Renesas Technology Corp N0301P Datasheet HTML 7Page - Renesas Technology Corp N0301P Datasheet HTML 8Page - Renesas Technology Corp

N0301P Product details

DESCRIPTION
The N0301P is a switching device, which can be driven directly by a 2.5 V power source.
This N0301P features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.

FEATURES
• 2.5 V drive available
• Low on-state resistance
   RDS(on)1 = 75 mΩ MAX. (VGS = −4.5 V, ID = −2.0 A)
   RDS(on)2 = 106 mΩ MAX. (VGS = −2.5 V, ID = −2.0 A)
• Built-in gate protection diode




Similar Part No. - N0301P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
N0301P VBSEMI-N0301P Datasheet
494Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Renesas Technology Corp
N0301P RENESAS-N0301P_15 Datasheet
260Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Similar Description - N0301P

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com