Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N60L-TF2-T Datasheet (PDF) - Unisonic Technologies

6N60L-TF2-T Datasheet PDF - Unisonic Technologies
Part # 6N60L-TF2-T
Download  6N60L-TF2-T Download

File Size   254.42 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.2A, 600V N-CHANNEL POWER MOSFET

6N60L-TF2-T Datasheet (PDF)

Go To PDF Page Download Datasheet
6N60L-TF2-T Datasheet PDF - Unisonic Technologies

Part # 6N60L-TF2-T
Download  6N60L-TF2-T Click to download

File Size   254.42 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.2A, 600V N-CHANNEL POWER MOSFET

6N60L-TF2-T Datasheet (HTML) - Unisonic Technologies

6N60L-TF2-T Datasheet HTML 1Page - Unisonic Technologies 6N60L-TF2-T Datasheet HTML 2Page - Unisonic Technologies 6N60L-TF2-T Datasheet HTML 3Page - Unisonic Technologies 6N60L-TF2-T Datasheet HTML 4Page - Unisonic Technologies 6N60L-TF2-T Datasheet HTML 5Page - Unisonic Technologies 6N60L-TF2-T Datasheet HTML 6Page - Unisonic Technologies



Similar Part No. - 6N60L-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N60L-TF2-T UTC-6N60L-TF2-T Datasheet
264Kb / 7P
   N-CHANNEL POWER MOSFET
More results


Similar Description - 6N60L-TF2-T

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
   6.2A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
6N60Z UTC-6N60Z Datasheet
200Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
   6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
6N65Z UTC-6N65Z Datasheet
251Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
6N65 UTC-6N65 Datasheet
252Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
6N90 UTC-6N90_12 Datasheet
203Kb / 5P
   6.2A, 900V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ6N65 DGNJDZ-NJ6N65 Datasheet
645Kb / 6P
   6.2A 650V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3017 WILLSEMI-WNM3017 Datasheet
857Kb / 8P
   Single N-Channel, 30V, 6.2A, Power MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com