Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11N50 Datasheet (PDF) - Unisonic Technologies

11N50 Datasheet PDF - Unisonic Technologies
Part # 11N50_11
Download  11N50 Download

File Size   185.39 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 11A, 500V N-CHANNEL POWER MOSFET

11N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
11N50 Datasheet PDF - Unisonic Technologies

Part # 11N50_11
Download  11N50 Click to download

File Size   185.39 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 11A, 500V N-CHANNEL POWER MOSFET

11N50 Datasheet (HTML) - Unisonic Technologies

11N50_11 Datasheet HTML 1Page - Unisonic Technologies 11N50_11 Datasheet HTML 2Page - Unisonic Technologies 11N50_11 Datasheet HTML 3Page - Unisonic Technologies 11N50_11 Datasheet HTML 4Page - Unisonic Technologies 11N50_11 Datasheet HTML 5Page - Unisonic Technologies 11N50_11 Datasheet HTML 6Page - Unisonic Technologies



Similar Part No. - 11N50_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N50 UTC-11N50_15 Datasheet
177Kb / 6P
   N-CHANNEL POWER MOSFET
More results


Similar Description - 11N50_11

ManufacturerPart #DatasheetDescription
logo
Rohm
R5011FNJ ROHM-R5011FNJ Datasheet
3Mb / 14P
   Nch 500V 11A Power MOSFET
logo
Unisonic Technologies
11N80 UTC-11N80 Datasheet
165Kb / 4P
   11A, 812V N-CHANNEL POWER MOSFET
logo
Central Semiconductor C...
PB-CDM22011_1509 CENTRAL-PB-CDM22011_1509 Datasheet
1Mb / 2P
   600V, 11A N-Channel UltraMOS??Power MOSFET
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com