Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324 Datasheet (PDF) - Cadeka Microcircuits LLC.

LM324 Datasheet PDF - Cadeka Microcircuits LLC.
Part # LM324
Download  LM324 Download

File Size   1703.81 Kbytes
Page   15 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Low Power, 3V to 36V, Single/Dual/Quad Amplifiers

LM324 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM324 Datasheet PDF - Cadeka Microcircuits LLC.

Part # LM324
Download  LM324 Click to download

File Size   1703.81 Kbytes
Page   15 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Low Power, 3V to 36V, Single/Dual/Quad Amplifiers

LM324 Datasheet (HTML) - Cadeka Microcircuits LLC.

Back Button LM324 Datasheet HTML 1Page - Cadeka Microcircuits LLC. LM324 Datasheet HTML 2Page - Cadeka Microcircuits LLC. LM324 Datasheet HTML 3Page - Cadeka Microcircuits LLC. LM324 Datasheet HTML 4Page - Cadeka Microcircuits LLC. LM324 Datasheet HTML 5Page - Cadeka Microcircuits LLC. LM324 Datasheet HTML 6Page - Cadeka Microcircuits LLC. LM324 Datasheet HTML 7Page - Cadeka Microcircuits LLC. LM324 Datasheet HTML 8Page - Cadeka Microcircuits LLC. LM324 Datasheet HTML 9Page - Cadeka Microcircuits LLC. LM324 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button 

LM324 Product details

General Description
The LM358 (dual), and LM324 (quad) are voltage feedback amplifers that are internally frequency compensated to provide unity gain stability. At unity gain (G=1), these amplifers offer 550kHz of bandwidth. They consume only 0.5mA of supply current over the entire power supply operating range. The LM358, and LM324 are specifcally designed to operate from single or dual supply voltages.
The LM358, and LM324 offer a common mode voltage range that includes ground and a wide output voltage swing. The combination of low-power, high supply voltage range, and low supply current make these amplifers well suited for many general purpose applications and as alternatives to several industry standard amplifers on the market today.

FEATURES
■ Unity gain stable
■ 100dB voltage gain
■ 550kHz unity gain bandwidth
■ 0.5mA supply current
■ 20nA input bias current
■ 2mV input offset voltage
■ 3V to 36V single supply voltage range
■ ±1.5V to ±18V dual supply voltage range
■ Input common mode voltage range includes ground
■ 0V to VS-1.5V output voltage swing
■ Improved replacements for industry standard LM358 and LM324
■ LM358: Pb-free SOIC-8
■ LM324: Pb-free SOIC-14

APPLICATIONS
■ Battery Charger
■ Active Filters
■ Transducer amplifers
■ General purpose controllers
■ General purpose instruments




Similar Part No. - LM324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM324 TI-LM324 Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
logo
NXP Semiconductors
LM324 PHILIPS-LM324 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
114Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
2008 - Ver. 1.0
logo
Texas Instruments
LM324 TI-LM324 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
LM324 TI1-LM324 Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
More results


Similar Description - LM324

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1050 CADEKA-CLC1050 Datasheet
2Mb / 17P
   Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC1050 EXAR-CLC1050 Datasheet
1Mb / 17P
   Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
Maxim Integrated Produc...
MAX44244 MAXIM-MAX44244 Datasheet
905Kb / 13P
   36V, Precision, Low-Power, 90μA, Single/Quad/Dual Op Amps
Rev 1; 6/13
logo
3PEAK INC.
LM393 3PEAK-LM393 Datasheet
1Mb / 13P
   36V Low Power Dual/Quad Differential Comparators
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
   36V Low Power Dual/Quad Differential Comparators
logo
Texas Instruments
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com