Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH310 Datasheet (PDF) - Siemens Semiconductor Group

SFH310 Datasheet PDF - Siemens Semiconductor Group
Part # SFH310
Download  SFH310 Download

File Size   124.4 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor

SFH310 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH310 Datasheet PDF - Siemens Semiconductor Group

Part # SFH310
Download  SFH310 Click to download

File Size   124.4 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor

SFH310 Datasheet (HTML) - Siemens Semiconductor Group

SFH310 Datasheet HTML 1Page - Siemens Semiconductor Group SFH310 Datasheet HTML 2Page - Siemens Semiconductor Group SFH310 Datasheet HTML 3Page - Siemens Semiconductor Group SFH310 Datasheet HTML 4Page - Siemens Semiconductor Group SFH310 Datasheet HTML 5Page - Siemens Semiconductor Group

SFH310 Product details

Silicon NPN Phototransistor



Features

●Especially suitable for applications from 400 nm to 1100 nm (SFH 310) and of 880 nm (SFH 310 FA)

●High linearity

●3 mm plastic package



Applications

●Photointerrupters

●Industrial electronics

●For control and drive circuits




Similar Part No. - SFH310

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH310 OSRAM-SFH310 Datasheet
274Kb / 10P
   Silicon NPN Phototransistor
logo
OSA Opto Light GmbH
SFH310-2-3 OSA-SFH310-2-3 Datasheet
230Kb / 11P
   Silicon NPN Phototransistor NPN-Silizium-Fototransistor Version 1.1
logo
OSRAM GmbH
SFH310-2/3 OSRAM-SFH310-2/3 Datasheet
274Kb / 10P
   Silicon NPN Phototransistor
SFH3100F OSRAM-SFH3100F Datasheet
216Kb / 9P
   Silicon NPN Phototransistor with Daylight - Cutoff Filter Version 1.5
SFH310FA OSRAM-SFH310FA Datasheet
273Kb / 10P
   Silicon NPN Phototransistor Version 1.3
More results


Similar Description - SFH310

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH313 SIEMENS-SFH313 Datasheet
44Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314 SIEMENS-SFH314 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
   NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com