Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH313 Datasheet (PDF) - Siemens Semiconductor Group

SFH313 Datasheet PDF - Siemens Semiconductor Group
Part # SFH313
Download  SFH313 Download

File Size   44.57 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor

SFH313 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH313 Datasheet PDF - Siemens Semiconductor Group

Part # SFH313
Download  SFH313 Click to download

File Size   44.57 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor

SFH313 Datasheet (HTML) - Siemens Semiconductor Group

SFH313 Datasheet HTML 1Page - Siemens Semiconductor Group SFH313 Datasheet HTML 2Page - Siemens Semiconductor Group SFH313 Datasheet HTML 3Page - Siemens Semiconductor Group SFH313 Datasheet HTML 4Page - Siemens Semiconductor Group SFH313 Datasheet HTML 5Page - Siemens Semiconductor Group

SFH313 Product details

Features

● Especially suitable for applications from 460 nm to 1080 nm (SFH 313) and of 880 nm (SFH 313 FA)

● High linearity

● 5 mm plastic package



Applications

● Computer-controlled flashes

● Photointerrupters

● Industrial electronics

● For control and drive circuits



 




Similar Part No. - SFH313

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH313 OSRAM-SFH313 Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
SFH313-2/3 OSRAM-SFH313-2/3 Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
SFH313FA OSRAM-SFH313FA Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
SFH313FA OSRAM-SFH313FA Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
SFH313FA-2/3 OSRAM-SFH313FA-2/3 Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
More results


Similar Description - SFH313

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH310 SIEMENS-SFH310 Datasheet
124Kb / 5P
   Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314 SIEMENS-SFH314 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
   NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com