Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH507 Datasheet (PDF) - Siemens Semiconductor Group

SFH507 Datasheet PDF - Siemens Semiconductor Group
Part # SFH507
Download  SFH507 Download

File Size   40.8 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description IR-Empfanger fur Fernbedienungen fur kurze Burst IR-Receiver for Remote Control Systems for Short Burst

SFH507 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH507 Datasheet PDF - Siemens Semiconductor Group

Part # SFH507
Download  SFH507 Click to download

File Size   40.8 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description IR-Empfanger fur Fernbedienungen fur kurze Burst IR-Receiver for Remote Control Systems for Short Burst

SFH507 Datasheet (HTML) - Siemens Semiconductor Group

SFH507 Datasheet HTML 1Page - Siemens Semiconductor Group SFH507 Datasheet HTML 2Page - Siemens Semiconductor Group SFH507 Datasheet HTML 3Page - Siemens Semiconductor Group SFH507 Datasheet HTML 4Page - Siemens Semiconductor Group SFH507 Datasheet HTML 5Page - Siemens Semiconductor Group SFH507 Datasheet HTML 6Page - Siemens Semiconductor Group

SFH507 Product details

Features
● Receiver module for transmission codes with short bursts (N ≥ 6 pulses per bit)
● Photodiode with hybride integrated circuit
● Black epoxy resin: daylight filter optimized for 950 nm
● High immunity against ambient light
● Low power consumption (0.5 mA typ.)
● 5 V supply voltage
● High sensitivity (internal shield case)
● TTL and CMOS compatibility
● 2.4 kbit/s data transmission possible (N = 6, f0 = 56 kHz)

Applications
● IR-remote control preamplifier module




Similar Part No. - SFH507

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH500 SIEMENS-SFH500 Datasheet
94Kb / 2P
   PHOTOTRANSISTOR
SFH505A SIEMENS-SFH505A Datasheet
136Kb / 3P
   IR RECEIVER/ DEMODULATOR DEVICE
SFH506 SIEMENS-SFH506 Datasheet
179Kb / 6P
   IR-EMPFANGER/DEMODULATOR-BAUSTEIN, IR-RECEIVER/DEMODULATOR DEVICE
SFH506-30 SIEMENS-SFH506-30 Datasheet
179Kb / 6P
   IR-EMPFANGER/DEMODULATOR-BAUSTEIN, IR-RECEIVER/DEMODULATOR DEVICE
SFH506-33 SIEMENS-SFH506-33 Datasheet
179Kb / 6P
   IR-EMPFANGER/DEMODULATOR-BAUSTEIN, IR-RECEIVER/DEMODULATOR DEVICE
More results


Similar Description - SFH507

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH5410 OSRAM-SFH5410 Datasheet
75Kb / 8P
   IR-Empfanger fur Fernbedienungen
SFH5110 OSRAM-SFH5110 Datasheet
144Kb / 9P
   IR-Empfanger fur Fernbedienungen IR-Receiver for Remote Control Systems Lead (Pb) Free Product - RoHS Compliant
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
   IR-Receiver for Remote Control Systems
logo
Infineon Technologies A...
SFH5110 INFINEON-SFH5110 Datasheet
48Kb / 7P
   IR-Receiver for Remote Control Systems
2000-01-01
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com