Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH600-0 Datasheet (PDF) - Siemens Semiconductor Group

SFH600-0 Datasheet PDF - Siemens Semiconductor Group
Part # SFH600-0
Download  SFH600-0 Download

File Size   152.87 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR OPTOCOUPLER

SFH600-0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH600-0 Datasheet PDF - Siemens Semiconductor Group

Part # SFH600-0
Download  SFH600-0 Click to download

File Size   152.87 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR OPTOCOUPLER

SFH600-0 Datasheet (HTML) - Siemens Semiconductor Group

SFH600-0 Datasheet HTML 1Page - Siemens Semiconductor Group SFH600-0 Datasheet HTML 2Page - Siemens Semiconductor Group SFH600-0 Datasheet HTML 3Page - Siemens Semiconductor Group SFH600-0 Datasheet HTML 4Page - Siemens Semiconductor Group

SFH600-0 Product details

DESCRIPTION

The SFH600 is an optocoupler with a GaAs LED emitter which is optically coupled with a silicon planar phototransistor detector. The component is packaged in a plastic plug-in case, 20 AB DIN 41866.



FEATURES

• High Current Transfer Ratios

  SFH600-0, 40 to 80%

  SFH600-1, 63 to 125%

  SFH600-2, 100 to 200%

  SFH600-3, 160 to 320%

• Isolation Test Voltage (1 Sec.), 5300 VACRMS

• VCEsat 0.25 (£0.4) V, IF=10 mA, IC=2.5 mA

• High Quality Premium Device

• Long Term Stability

• Storage Temperature, –55∞ to +150∞C

• Underwriters Lab File #E52744

• VDE 0884 Available with Option 1



 




Similar Part No. - SFH600-0

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH600-0 SIEMENS-SFH600-0 Datasheet
160Kb / 4P
   TRIOS PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
SFH600-0 ETC1-SFH600-0 Datasheet
67Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
SFH600-0 VISHAY-SFH600-0 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
logo
ISOCOM COMPONENTS
SFH600-0 ISOCOM-SFH600-0 Datasheet
335Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
SFH600-0X007 VISHAY-SFH600-0X007 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
More results


Similar Description - SFH600-0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
   Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 09-Aug-2018
logo
QT Optoelectronics
MCT2E QT-MCT2E Datasheet
608Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
   PHOTOTRANSISTOR OPTOCOUPLER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com