Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12DR12M Datasheet (PDF) - Nell Semiconductor Co., Ltd

12DR12M Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 12DR12M
Download  12DR12M Download

File Size   182.13 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Standard Recovery Diodes (Stud Version), 12A

12DR12M Datasheet (PDF)

Go To PDF Page Download Datasheet
12DR12M Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 12DR12M
Download  12DR12M Click to download

File Size   182.13 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Glass Passivated Standard Recovery Diodes (Stud Version), 12A

12DR12M Datasheet (HTML) - Nell Semiconductor Co., Ltd

12DR12M Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 12DR12M Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 12DR12M Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 12DR12M Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 12DR12M Datasheet HTML 5Page - Nell Semiconductor Co., Ltd



Similar Part No. - 12DR12M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12D ETC1-12D Datasheet
205Kb / 5P
   PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Yuan Dean Scientific., ...
12D-03D03NNL YUANDEAN-12D-03D03NNL Datasheet
281Kb / 2P
   DC-DC Converter
12D-03S03NNL YUANDEAN-12D-03S03NNL Datasheet
281Kb / 2P
   DC-DC Converter
12D-03S03RNL YUANDEAN-12D-03S03RNL Datasheet
239Kb / 2P
   DC-DC Converter
12D-05D05N2NL YUANDEAN-12D-05D05N2NL Datasheet
281Kb / 2P
   DC-DC Converter
More results


Similar Description - 12DR12M

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
12-NSR NAINA-12-NSR Datasheet
138Kb / 2P
   Standard Recovery Diodes (Stud Version), 12A
12NS NAINA-12NS_17 Datasheet
650Kb / 2P
   Standard Recovery Diodes (Stud Version), 12A
logo
Nell Semiconductor Co.,...
85DR12M NELLSEMI-85DR12M Datasheet
576Kb / 6P
   Glass Passivated Standard Recovery Diodes (Stud Version), 85A
25DR12M NELLSEMI-25DR12M Datasheet
540Kb / 5P
   Glass Passivated Standard Recovery Diodes (Stud Version), 25A
16DR12M NELLSEMI-16DR12M Datasheet
185Kb / 5P
   Glass Passivated Standard Recovery Diodes (Stud Version), 16A
40DR12M NELLSEMI-40DR12M Datasheet
368Kb / 6P
   Glass Passivated Standard Recovery Diodes (Stud Version), 40A
12FDR06A NELLSEMI-12FDR06A Datasheet
537Kb / 6P
   Fast Recovery Diodes (Stud Version), 12A
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com