Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKFD300-40A Datasheet (PDF) - Nell Semiconductor Co., Ltd

NKFD300-40A Datasheet PDF - Nell Semiconductor Co., Ltd
Part # NKFD300-40A
Download  NKFD300-40A Download

File Size   401.23 Kbytes
Page   4 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description FRED Ultrafast Soft Recovery Diode, 300 A

NKFD300-40A Datasheet (PDF)

Go To PDF Page Download Datasheet
NKFD300-40A Datasheet PDF - Nell Semiconductor Co., Ltd

Part # NKFD300-40A
Download  NKFD300-40A Click to download

File Size   401.23 Kbytes
Page   4 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description FRED Ultrafast Soft Recovery Diode, 300 A

NKFD300-40A Datasheet (HTML) - Nell Semiconductor Co., Ltd

NKFD300-40A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKFD300-40A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKFD300-40A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKFD300-40A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd



Similar Part No. - NKFD300-40A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKFD300 NELLSEMI-NKFD300 Datasheet
362Kb / 4P
   Ultrafast Soft Recovery Diode, 300 A
More results


Similar Description - NKFD300-40A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKFD300 NELLSEMI-NKFD300 Datasheet
362Kb / 4P
   Ultrafast Soft Recovery Diode, 300 A
N-30EPU06 NELLSEMI-N-30EPU06 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 30 A
N-30EPU12 NELLSEMI-N-30EPU12 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 30 A
N-HFA08TB120 NELLSEMI-N-HFA08TB120 Datasheet
324Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 8 A
N-HFA15PB60 NELLSEMI-N-HFA15PB60 Datasheet
953Kb / 6P
   FRED Ultrafast Soft Recovery Diode, 15 A
N-40EPU06 NELLSEMI-N-40EPU06 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 40 A
N-HFA15PB120 NELLSEMI-N-HFA15PB120 Datasheet
871Kb / 5P
   FRED Ultrafast Soft Recovery Diode, 15 A
N-30ETU06 NELLSEMI-N-30ETU06 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 30 A
N-30ETU12 NELLSEMI-N-30ETU12 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 30 A
N-60EPU06 NELLSEMI-N-60EPU06 Datasheet
2Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 60 A
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com