Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH488425 Datasheet (PDF) - Siemens Semiconductor Group

SFH488425 Datasheet PDF - Siemens Semiconductor Group
Part # SFH488425
Download  SFH488425 Download

File Size   78.79 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product

SFH488425 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH488425 Datasheet PDF - Siemens Semiconductor Group

Part # SFH488425
Download  SFH488425 Click to download

File Size   78.79 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product

SFH488425 Datasheet (HTML) - Siemens Semiconductor Group

SFH488425 Datasheet HTML 1Page - Siemens Semiconductor Group SFH488425 Datasheet HTML 2Page - Siemens Semiconductor Group SFH488425 Datasheet HTML 3Page - Siemens Semiconductor Group SFH488425 Datasheet HTML 4Page - Siemens Semiconductor Group

SFH488425 Product details

Features
• Low cost plastic package
• Reliable strained InGaAs/GaAs material
• High power large-optical-cavity structure
• Single emitting area 200 µm × 2 µm

Applications
• Range finding
• Security, surveillance
• Illumination, ignition
• Testing and measurement




Similar Part No. - SFH488425

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
   IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
SFH4883 OSRAM-SFH4883 Datasheet
170Kb / 6P
   IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
More results


Similar Description - SFH488425

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
   Pulsed Laser Diode in Plastic Package 10 W Peak Power
SPLPL90 OSRAM-SPLPL90_0 Datasheet
215Kb / 6P
   Pulsed Laser Diode in Plastic Package 4 W Peak Power
SPLPL90 OSRAM-SPLPL90_15 Datasheet
201Kb / 6P
   Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPL-PL90 OSRAM-SPL-PL90 Datasheet
201Kb / 6P
   Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPLPL90_3 OSRAM-SPLPL90_3_15 Datasheet
202Kb / 6P
   Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
   Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
logo
Siemens Semiconductor G...
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
   Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLPL90 OSRAM-SPLPL90 Datasheet
237Kb / 6P
   Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
SPLAH90 OSRAM-SPLAH90_3 Datasheet
277Kb / 8P
   Nanostack Pulsed Laser Diode Array 75 W Peak Power
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
   Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com