Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D02311-000 Datasheet (PDF) - Tyco Electronics

D02311-000 Datasheet PDF - Tyco Electronics
Part # D02311-000
Download  D02311-000 Download

File Size   87.21 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PolySwitch짰 PTC Devices

D02311-000 Datasheet (PDF)

Go To PDF Page Download Datasheet
D02311-000 Datasheet PDF - Tyco Electronics

Part # D02311-000
Download  D02311-000 Click to download

File Size   87.21 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PolySwitch짰 PTC Devices

D02311-000 Datasheet (HTML) - Tyco Electronics

D02311-000 Datasheet HTML 1Page - Tyco Electronics

D02311-000 Product details

PolySwitch Resettable Devices
Radial-leaded Devices

Features
• Broadest range of radial-leaded resettable devices available in the industry
• Current ratings from 50mA to 15A
• Voltage ratings from 6V (computer and electronic applications) to 265VAC line voltage applications
• Agency recognition : UL, CSA, TÜV
• Fast time-to-trip
• Low resistance

Benefits
• Many product choices give engineers more design flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Higher voltage ratings allow use in new applications

Applications
• Satellite video receivers
• Industrial controls
• Transformers
• Computer motherboards
• Modems
• USB hub, ports and peripherals
• IEEE1394 ports
• CD-ROMs
• Game machines
• Battery packs
• Phones
• Fax machines
• Analog and digital line cards
• Printers




Similar Part No. - D02311-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D02382-000 MACOM-D02382-000 Datasheet
45Kb / 1P
   Overcurrent Protection Device
More results


Similar Description - D02311-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF1100 MACOM-AGRF1100 Datasheet
101Kb / 2P
   PolySwitch짰 PTC Devices
LR4-260F MACOM-LR4-260F Datasheet
107Kb / 1P
   PolySwitch짰 PTC Devices
MINISMDC075 MACOM-MINISMDC075 Datasheet
54Kb / 1P
   PolySwitch짰 PTC Devices
SMD150 MACOM-SMD150 Datasheet
81Kb / 1P
   PolySwitch짰 PTC Devices
RTEF120 MACOM-RTEF120 Datasheet
103Kb / 1P
   PolySwitch짰 PTC Devices
SMD030 MACOM-SMD030 Datasheet
82Kb / 1P
   PolySwitch짰 PTC Devices
SMD125 MACOM-SMD125 Datasheet
82Kb / 1P
   PolySwitch짰 PTC Devices
SMD185F MACOM-SMD185F Datasheet
34Kb / 1P
   PolySwitch짰 PTC Devices
MICROSMD075F MACOM-MICROSMD075F Datasheet
33Kb / 1P
   PolySwitch짰 PTC Devices
RGEF1200 MACOM-RGEF1200 Datasheet
101Kb / 1P
   PolySwitch짰 PTC Devices
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com