Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT16ED Datasheet (PDF) - SiGe Semiconductor, Inc.

LPT16ED Datasheet PDF - SiGe Semiconductor, Inc.
Part # LPT16ED
Download  LPT16ED Download

File Size   333.16 Kbytes
Page   5 Pages
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.
Description 30 GHz SiGe Bipolar Transistor Final

LPT16ED Datasheet (PDF)

Go To PDF Page Download Datasheet
LPT16ED Datasheet PDF - SiGe Semiconductor, Inc.

Part # LPT16ED
Download  LPT16ED Click to download

File Size   333.16 Kbytes
Page   5 Pages
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.
Description 30 GHz SiGe Bipolar Transistor Final

LPT16ED Datasheet (HTML) - SiGe Semiconductor, Inc.

LPT16ED Datasheet HTML 1Page - SiGe Semiconductor, Inc. LPT16ED Datasheet HTML 2Page - SiGe Semiconductor, Inc. LPT16ED Datasheet HTML 3Page - SiGe Semiconductor, Inc. LPT16ED Datasheet HTML 4Page - SiGe Semiconductor, Inc. LPT16ED Datasheet HTML 5Page - SiGe Semiconductor, Inc.

LPT16ED Product details

Product Description
The LPT16ED is a silicon germanium low phase noise, high frequency NPN transistor for oscillator applications up to 16GHz.
The transistor exhibits low 1/f noise and provides +13 dBm typical output power at VCE of 3V and IC equal to 20 mA. It is easily operated from a single supply voltage with appropriate external passive components.
The silicon germanium technology used in this device provides outstanding high-frequency performance combined with high thermal conductivity and superior reliability under harsh operating and storage conditions.
A complete mechanical description of the transistor is available under SiGe Semiconductor Document 07MS001.

Features
◾ Low 1/f noise: -142 dBc/Hz at 100 Hz offset
◾ Phase noise: -167 dBc/Hz at 100 kHz offset
◾ Output power up to +13 dBm
◾ Operation down to 1 volt, 2 mA
◾ Gold bump pads for wire bond or flip chip (for direct die attachment)

Applications
◾ Low phase noise oscillators up to 16 GHz
◾ VCO’s, DRO’s and YIG oscillators
◾ Point-to-point radios
◾ Satellite communications
◾ Fiber optics, OC-192 and OC-768
◾ Local Multipoint Distribution Systems, LMDS




Similar Part No. - LPT16ED

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPT1606-102ML COILCRAFT-LPT1606-102ML Datasheet
105Kb / 1P
   SMT Power Inductors
LPT1606-103ML COILCRAFT-LPT1606-103ML Datasheet
105Kb / 1P
   SMT Power Inductors
LPT1606-152ML COILCRAFT-LPT1606-152ML Datasheet
105Kb / 1P
   SMT Power Inductors
LPT1606-153ML COILCRAFT-LPT1606-153ML Datasheet
105Kb / 1P
   SMT Power Inductors
LPT1606-222ML COILCRAFT-LPT1606-222ML Datasheet
105Kb / 1P
   SMT Power Inductors
More results


Similar Description - LPT16ED

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN6501F AUK-THN6501F Datasheet
189Kb / 11P
   SiGe NPN Transistor
THN4201U AUK-THN4201U Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN405Z AUK-THN405Z Datasheet
178Kb / 5P
   SiGe NPN Transistor
THN6201S AUK-THN6201S Datasheet
252Kb / 13P
   SiGe NPN Transistor
THN6301S AUK-THN6301S Datasheet
221Kb / 11P
   SiGe NPN Transistor
THN5702F AUK-THN5702F Datasheet
257Kb / 8P
   SiGe NPN Transistor
THN4501U AUK-THN4501U Datasheet
257Kb / 15P
   SiGe NPN Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com