Electronic Components Datasheet Search |
|
2N4102 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc. |
2N4102 Datasheet (PDF) |
Download Datasheet |
Part # | 2N4102 |
Download | 2N4102 Click to download |
File Size | 115.13 Kbytes |
Page | 1 Pages |
Manufacturer | NJSEMI [New Jersey Semi-Conductor Products, Inc.] |
Direct Link | http://www.njsemi.com |
Logo | |
Description | SCR, V(DRM) = 600V TO 699.9V |
2N4102 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc. |
2N4102 Product details |
|
Similar Part No. - 2N4102 |
|
Similar Description - 2N4102 |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |