Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY252 Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

BY252 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # BY252
Download  BY252 Download

File Size   623.09 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description GENERAL PURPOSE RECTIFIERS

BY252 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY252 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # BY252
Download  BY252 Click to download

File Size   623.09 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description GENERAL PURPOSE RECTIFIERS

BY252 Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd

BY252 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BY252 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd

BY252 Product details

FEATURES
• Superectifier structure for high reliability application
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Low leakage current, IR less than 0.1 μA
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

TYPICAL APPLICATIONS
    For use in general purpose rectification of power supplies, inverters, converters and freewheeling diodes for both consumer and automotive applications.




Similar Part No. - BY252

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY252 PANJIT-BY252 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY252 DIOTEC-BY252 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
BY252 DIOTEC-BY252 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
EIC discrete Semiconduc...
BY252 EIC-BY252 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
logo
Transys Electronics
BY252 TRSYS-BY252 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results


Similar Description - BY252

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
   General purpose rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
   General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
   General Purpose Rectifiers
logo
NXP Semiconductors
PS07J PHILIPS-PS07J Datasheet
51Kb / 9P
   General purpose rectifiers
Rev. 02-26 July 2004
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com