Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XS3435 Datasheet (PDF) - Freescale Semiconductor, Inc

10XS3435 Datasheet PDF - Freescale Semiconductor, Inc
Part # 10XS3435
Download  10XS3435 Download

File Size   1355.3 Kbytes
Page   51 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)

10XS3435 Datasheet (PDF)

Go To PDF Page Download Datasheet
10XS3435 Datasheet PDF - Freescale Semiconductor, Inc

Part # 10XS3435
Download  10XS3435 Click to download

File Size   1355.3 Kbytes
Page   51 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)

10XS3435 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button 10XS3435 Datasheet HTML 1Page - Freescale Semiconductor, Inc 10XS3435 Datasheet HTML 2Page - Freescale Semiconductor, Inc 10XS3435 Datasheet HTML 3Page - Freescale Semiconductor, Inc 10XS3435 Datasheet HTML 4Page - Freescale Semiconductor, Inc 10XS3435 Datasheet HTML 5Page - Freescale Semiconductor, Inc 10XS3435 Datasheet HTML 6Page - Freescale Semiconductor, Inc 10XS3435 Datasheet HTML 7Page - Freescale Semiconductor, Inc 10XS3435 Datasheet HTML 8Page - Freescale Semiconductor, Inc 10XS3435 Datasheet HTML 9Page - Freescale Semiconductor, Inc 10XS3435 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

10XS3435 Product details

Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)

The 10XS3435 is one in a family of devices designed for low voltage automotive lighting applications. Its four low RDS(ON) MOSFETs (dual 10 mOhm/dual 35 mOhm) can control four separate 55/28 W bulbs, and/or Xenon modules, and/or LEDs.

Features
• Four protected 10 mΩ and 35 mΩ high side switches (at 25 °C)
• Operating voltage range of 6.0 to 20 V with sleep current < 5.0 μA, extended mode from 4.0 to 28 V
• 8.0 MHz 16-bit 3.3 V and 5.0 V SPI control and status reporting with daisy chain capability
• PWM module using external clock or calibratable internal oscillator with programmable outputs delay management
• Smart over-current shutdown, severe short-circuit, overtemperature protections with time limited autoretry, and Fail-safe mode in case of MCU damage
• Output OFF or ON open-load detection compliant to bulbs or LEDs and short to battery detection
• Analog current feedback with selectable ratio and board temperature feedback




Similar Part No. - 10XS3435

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
More results


Similar Description - 10XS3435

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com