Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1584 Datasheet (PDF) - Sipex Corporation

SPX1584 Datasheet PDF - Sipex Corporation
Part # SPX1584
Download  SPX1584 Download

File Size   226.61 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V

SPX1584 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX1584 Datasheet PDF - Sipex Corporation

Part # SPX1584
Download  SPX1584 Click to download

File Size   226.61 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V

SPX1584 Datasheet (HTML) - Sipex Corporation

SPX1584 Datasheet HTML 1Page - Sipex Corporation SPX1584 Datasheet HTML 2Page - Sipex Corporation SPX1584 Datasheet HTML 3Page - Sipex Corporation SPX1584 Datasheet HTML 4Page - Sipex Corporation SPX1584 Datasheet HTML 5Page - Sipex Corporation

SPX1584 Product details

PRODUCT DESCRIPTION
The SPX1584 is a low power 8A Adjustable Voltage Regulator that is very easy to use. It requires only 2 external resistors to set the output voltage. This device is an excellent choice when using Powering Intel Microprocessor to convert from +5V to 3.3V supplies, and as a post regulator for switching supplies applications. The SPX1584 features low dropout of a maximum 1.5 volts.

FEATURES
• Adjustable Output Down to 1.2V or Fixed 3.3V & 5V
• Output Current of 8A
• Low Dropout Voltage
• Extremely Tight Load and Line Regulation
• Current & Thermal Limiting
• Standard 3-Terminal Low Cost TO-220
• Similar to Industry Standard LT1083/LT1584

APPLICATIONS
• Powering Intel Pentium µP from +5V Supplies
• Power PCSupplies
• SMPS Post-Regulator
• High Efficiency “Green” Computer Systems
• High Efficiency Linear Power Supplies
• Portable Instrumentation
• Constant Current Regulators
• Adjustable Power Supplies
• Battery Charger




Similar Part No. - SPX1584

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584AU SIPEX-SPX1584AU Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584AU-3.3 SIPEX-SPX1584AU-3.3 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584U SIPEX-SPX1584U Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584U-3.3 SIPEX-SPX1584U-3.3 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
More results


Similar Description - SPX1584

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
   8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1508 ADMOS-AMS1508_05 Datasheet
174Kb / 9P
   8A LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com