Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4001-LFR Datasheet (PDF) - Frontier Electronics.

SM4001-LFR Datasheet PDF - Frontier Electronics.
Part # SM4001-LFR
Download  SM4001-LFR Download

File Size   120.02 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SURFACE MOUNT SILICON RECTIFIERS

SM4001-LFR Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4001-LFR Datasheet PDF - Frontier Electronics.

Part # SM4001-LFR
Download  SM4001-LFR Click to download

File Size   120.02 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SURFACE MOUNT SILICON RECTIFIERS

SM4001-LFR Datasheet (HTML) - Frontier Electronics.

SM4001-LFR Datasheet HTML 1Page - Frontier Electronics. SM4001-LFR Datasheet HTML 2Page - Frontier Electronics.

SM4001-LFR Product details

FEATURES

GLASS PASSIVATED JUNCTION

IDEAL FOR SURFACE MOUNTED APPLICATIONS

LOW LEAKAGE CURRENT

UL 94V-0 FLAME RETARDANT EPOXY MOLDING COMPOUND

ROHS



MECHANICAL DATA

CASE: TRANSFER MOLDED, MELF DIMENSIONS IN INCHES AND (MILLIMETERS)

TERMINALS: SOLDERABLE PER MIL-STD-750, METHOD 2026

POLARITY: CATHODE INDICATED BY COLOR BAND

WEIGHT: .135 GRAMS




Similar Part No. - SM4001-LFR

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
SM4001-SM4007 KINGTRONICS-SM4001-SM4007 Datasheet
309Kb / 2P
   1.0AMP. Surface Mount Glass Passivated Silicon Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
More results


Similar Description - SM4001-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SM4001 FRONTIER-SM4001 Datasheet
119Kb / 2P
   1A SURFACE MOUNT SILICON RECTIFIERS
DF005S-LFR FRONTIER-DF005S-LFR Datasheet
121Kb / 2P
   1A SURFACE MOUNT BRIDGE RECTIFIERS
logo
Microsemi Corporation
UPS5817 MICROSEMI-UPS5817 Datasheet
554Kb / 3P
   SURFACE MOUNT 1A SCHOTTKY RECTIFIERS
logo
Frontier Electronics.
DF005S FRONTIER-DF005S Datasheet
121Kb / 2P
   1A SURFACE MOUNT BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
MLL5817 TAITRON-MLL5817 Datasheet
142Kb / 3P
   1A Surface Mount Schottky Rectifiers
logo
Frontier Electronics.
RS4933 FRONTIER-RS4933 Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FFM101M-LFR FRONTIER-FFM101M-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM4933 FRONTIER-SM4933 Datasheet
125Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com