Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS25 Datasheet (PDF) - Frontier Electronics.

SS25 Datasheet PDF - Frontier Electronics.
Part # SS25
Download  SS25 Download

File Size   182.3 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS25 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS25 Datasheet PDF - Frontier Electronics.

Part # SS25
Download  SS25 Click to download

File Size   182.3 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS25 Datasheet (HTML) - Frontier Electronics.

SS25 Datasheet HTML 1Page - Frontier Electronics. SS25 Datasheet HTML 2Page - Frontier Electronics.

SS25 Product details

FEATURES

• FOR SURFACE MOUNTED APPLICATIONS

• LOW PROFILE PACKAGE

• BUILT-IN STRAIN RELIEF

• EASY PICK AND PLACE

• PLASTIC MATERIAL USED CARRIES UNDERWRITERS LABORATORY CLASSIFICATION 94 V-0

• EXTREMELY LOW VF

• MAJORITY CARRIER CONDUCTION

• HIGH TEMPERATURE SOLDERING: 250°C/10 SECONDS AT TERMINALS



 




Similar Part No. - SS25

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS25 ZOWIE-SS25 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SS25 DAESAN-SS25 Datasheet
482Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SS25 JUXING-SS25 Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
logo
MIC GROUP RECTIFIERS
SS25 MIC-SS25 Datasheet
94Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
SS25 CHONGQING-SS25 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SS25

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SKL26CG CITC-SKL26CG Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22A CITC-SK22A Datasheet
164Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22AS CITC-SK22AS Datasheet
459Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22B CITC-SK22B Datasheet
153Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL22ASG CITC-SKL22ASG Datasheet
459Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B220LWG-ST CITC-B220LWG-ST Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B240LWG-S CITC-B240LWG-S Datasheet
90Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL26AG CITC-SKL26AG Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com