Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS28A Datasheet (PDF) - Frontier Electronics.

SS28A Datasheet PDF - Frontier Electronics.
Part # SS28A
Download  SS28A Download

File Size   183.15 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS28A Datasheet (PDF)

Go To PDF Page Download Datasheet
SS28A Datasheet PDF - Frontier Electronics.

Part # SS28A
Download  SS28A Click to download

File Size   183.15 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS28A Datasheet (HTML) - Frontier Electronics.

SS28A Datasheet HTML 1Page - Frontier Electronics. SS28A Datasheet HTML 2Page - Frontier Electronics.

SS28A Product details

FEATURES

● FOR SURFACE MOUNTED APPLICATIONS

● LOW PROFILE PACKAGE

● BUILT-IN STRAIN RELIEF

● EASY PICK AND PLACE

● PLASTIC MATERIAL USED CARRIES UNDERWRITERS LABORATORY CLASSIFICATION 94 V-0

● EXTREMELY LOW VF

● MAJORITY CARRIER CONDUCTION

● HIGH TEMPERATURE SOLDERING: 250°C/10 SECONDS AT TERMINALS



 




Similar Part No. - SS28A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS28A BILIN-SS28A Datasheet
168Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS28A DGNJDZ-SS28A Datasheet
117Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SS28A SEMTECH_ELEC-SS28A Datasheet
205Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS28A DGNJDZ-SS28A Datasheet
117Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
WILLAS ELECTRONIC CORP
SS28A WILLAS-SS28A Datasheet
395Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS SMA PACKAGE
More results


Similar Description - SS28A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SKL26CG CITC-SKL26CG Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22A CITC-SK22A Datasheet
164Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22AS CITC-SK22AS Datasheet
459Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SK22B CITC-SK22B Datasheet
153Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL22ASG CITC-SKL22ASG Datasheet
459Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SS22 FRONTIER-SS22 Datasheet
182Kb / 2P
   2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B220LWG-ST CITC-B220LWG-ST Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
B240LWG-S CITC-B240LWG-S Datasheet
90Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
SKL26AG CITC-SKL26AG Datasheet
92Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com