Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS18 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

SS18 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # SS18
Download  SS18 Download

File Size   155.42 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Schottky Barrier Rectifiers

SS18 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS18 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SS18
Download  SS18 Click to download

File Size   155.42 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Schottky Barrier Rectifiers

SS18 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

SS18 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SS18 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd

SS18 Product details

REVERSE VOLTAGE: 20 - 100 V
FORWARD CURRENT: 1.0 A

Features
✧ Schottky barrier rectifier
✧ Low forward voltage
✧ Guardring protection
✧ Reverse energy tested
✧ High current capability
✧ Extremely low thermal resistance

Mechanical Data
✧ Case: SMA molded plastic body 
✧ Polarity: Color band denotes cathode end
✧ Mounting position: ANY
✧ Weight: 0.002 ounces, 0.064 gram




Similar Part No. - SS18

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SS18 SUNMATE-SS18 Datasheet
120Kb / 2P
   1.0A Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SS18 PANJIT-SS18 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SS18 PACELEADER-SS18 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
MIC GROUP RECTIFIERS
SS18 MIC-SS18 Datasheet
99Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS18 YFWDIODE-SS18 Datasheet
542Kb / 3P
   SURFACE MOUNTSCHOTTKY RECTIFIERS
More results


Similar Description - SS18

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com