Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1JWG Datasheet (PDF) - Pan Jit International Inc.

GS1JWG Datasheet PDF - Pan Jit International Inc.
Part # GS1JWG
Download  GS1JWG Download

File Size   117.02 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT GENERAL PURPOSE RECTIFIER

GS1JWG Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1JWG Datasheet PDF - Pan Jit International Inc.

Part # GS1JWG
Download  GS1JWG Click to download

File Size   117.02 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT GENERAL PURPOSE RECTIFIER

GS1JWG Datasheet (HTML) - Pan Jit International Inc.

GS1JWG Datasheet HTML 1Page - Pan Jit International Inc. GS1JWG Datasheet HTML 2Page - Pan Jit International Inc. GS1JWG Datasheet HTML 3Page - Pan Jit International Inc. GS1JWG Datasheet HTML 4Page - Pan Jit International Inc. GS1JWG Datasheet HTML 5Page - Pan Jit International Inc.

GS1JWG Product details

VOLTAGE 50 to 1000 Volt CURRENT 1 Ampere

FEATURES
• For surface mounted applications in order to optimize board space
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
   Classification 94V-O
• Low Forward Drop
• High temperature soldering : 260°C /10 seconds at terminals
• Glass Passivated Junction
• Lead free in compliance with EU RoHS 2.0
• Green molding compound as per IEC 61249 standard

MECHANICAL DATA
• Case: SMA(W) molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 12 mm tape (EIA-481)
• Weight: 0.002 ounces, 0.068 grams




Similar Part No. - GS1JWG

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1JW PANJIT-GS1JW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Nantong Hornby Electron...
GS1JW HORNBY-GS1JW Datasheet
384Kb / 3P
   SURFACE MOUNT PLASTIC PASSIVATED JUNCTION RECTIFIER
logo
Pan Jit International I...
GS1JWZ PANJIT-GS1JWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
More results


Similar Description - GS1JWG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
GS1A YANGJIE-GS1A Datasheet
360Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS2AAQ YANGJIE-GS2AAQ Datasheet
239Kb / 4P
   Surface Mount General Purpose Rectifier
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1GAFC PANJIT-GS1GAFC Datasheet
343Kb / 4P
   Surface Mount General Purpose Rectifier
July 4,2020 GS1GAFC_SERIES-REV.00
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com