Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1J Datasheet (PDF) - Shanghai Sunrise Electronics

RS1J Datasheet PDF - Shanghai Sunrise Electronics
Part # RS1J
Download  RS1J Download

File Size   17.17 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SURFACE MOUNT FAST SWITCHING RECTIFIER

RS1J Datasheet (PDF)

Go To PDF Page Download Datasheet
RS1J Datasheet PDF - Shanghai Sunrise Electronics

Part # RS1J
Download  RS1J Click to download

File Size   17.17 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SURFACE MOUNT FAST SWITCHING RECTIFIER

RS1J Datasheet (HTML) - Shanghai Sunrise Electronics

RS1J Datasheet HTML 1Page - Shanghai Sunrise Electronics

RS1J Product details

VOLTAGE: 50 TO 1000V CURRENT: 1.0A

FEATURES
• Ideal for surface mount pick and
   place application
• Low profile package
• Built-in strain relief
• High surge capability
• Glass passivated chip
• Fast recovery for high efficiency
• High temperature soldering guaranteed:
   260°C/10sec/at terminal




Similar Part No. - RS1J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1J PANJIT-RS1J Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Shenzhen Yixinwei Techn...
RS1J YIXIN-RS1J Datasheet
171Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
RS1J TAYCHIPST-RS1J Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
RS1J TSC-RS1J Datasheet
132Kb / 2P
   1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
SAMYANG ELECTRONICS CO....
RS1J SAMYANG-RS1J Datasheet
955Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Similar Description - RS1J

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 19-Apr-11
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
   Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 25-Apr-14
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
   Surface-Mount Fast Switching Rectifier
01-Jan-2022
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
   Surface Mount FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
FR1A SSE-FR1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
RS1AB SSE-RS1AB Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com