Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS25 Datasheet (PDF) - Shanghai Sunrise Electronics

SS25 Datasheet PDF - Shanghai Sunrise Electronics
Part # SS25
Download  SS25 Download

File Size   16.78 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS25 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS25 Datasheet PDF - Shanghai Sunrise Electronics

Part # SS25
Download  SS25 Click to download

File Size   16.78 Kbytes
Page   1 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SS25 Datasheet (HTML) - Shanghai Sunrise Electronics

SS25 Datasheet HTML 1Page - Shanghai Sunrise Electronics

SS25 Product details

VOLTAGE: 20 TO 60V CURRENT: 2.0A



FEATURES

• Ideal for surface mount pick and place application

• Low profile package

• Low power loss, high efficiency

• High current capability,low VF

• High surge capability

• High temperature soldering guaranteed: 260°C/10sec/at terminal



 




Similar Part No. - SS25

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS25 JUXING-SS25 Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
logo
Zowie Technology Corpor...
SS25 ZOWIE-SS25 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SS25 DAESAN-SS25 Datasheet
482Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
SS25 CHONGQING-SS25 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SS25 SEMTECH_ELEC-SS25 Datasheet
301Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SS25

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com