Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2153S Datasheet (PDF) - Sony Corporation

CXA2153S Datasheet PDF - Sony Corporation
Part # CXA2153S
Download  CXA2153S Download

File Size   187.3 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Preamplifier for High Resolution Computer Display

CXA2153S Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2153S Datasheet PDF - Sony Corporation

Part # CXA2153S
Download  CXA2153S Click to download

File Size   187.3 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Preamplifier for High Resolution Computer Display

CXA2153S Datasheet (HTML) - Sony Corporation

Back Button CXA2153S Datasheet HTML 1Page - Sony Corporation CXA2153S Datasheet HTML 2Page - Sony Corporation CXA2153S Datasheet HTML 3Page - Sony Corporation CXA2153S Datasheet HTML 4Page - Sony Corporation CXA2153S Datasheet HTML 5Page - Sony Corporation CXA2153S Datasheet HTML 6Page - Sony Corporation CXA2153S Datasheet HTML 7Page - Sony Corporation CXA2153S Datasheet HTML 8Page - Sony Corporation CXA2153S Datasheet HTML 9Page - Sony Corporation CXA2153S Datasheet HTML 10Page - Sony Corporation Next Button 

CXA2153S Product details

Description

The CXA2153S is a bipolar IC developed for high resolution computer displays.



Features

• Built-in wide-band amplifier: 180MHz@–3dB (Typ.)

• Input dynamic range: 1.0Vp-p (Typ.)

• High gain preamplifier (15dB)

• R, G and B incorporated in a single package (SDIP 30 pins)

• I2C bus control

   Contrast control

   R/G/B drive control

   Brightness control

   OSD contrast control

   4-channel DAC control output

• Built-in gamma function

• Built-in high-speed ABL blanking

• Built-in sync separator for Sync on Green

• Built-in blanking mixing function (with blanking level fixed at 0.4V)

• Built-in OSD mixing function

• Video period detection function

• Built-in VBLK synchronous DAC refresh system




Similar Part No. - CXA2153S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2150AQ SONY-CXA2150AQ Datasheet
1,014Kb / 90P
   CRT DRIVER
More results


Similar Description - CXA2153S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2066S SONY-CXA2066S Datasheet
196Kb / 21P
   Preamplifier for High Resolution Computer Display
CXA2067AS SONY-CXA2067AS Datasheet
211Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1779P SONY-CXA1779P Datasheet
147Kb / 10P
   Predriver for High Resolution Computer Displays
logo
Aven, Inc.
26700-401 AVEN-26700-401 Datasheet
2Mb / 1P
   High Resolution Inspection, No Computer Required.
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
   HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
   HIGH-RESOLUTION DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M52337SP MITSUBISHI-M52337SP Datasheet
110Kb / 17P
   3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com