Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3050M Datasheet (PDF) - Sony Corporation

CXA3050M Datasheet PDF - Sony Corporation
Part # CXA3050M
Download  CXA3050M Download

File Size   328.89 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description NICAM and SMATV RF MODULATOR/PLL

CXA3050M Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3050M Datasheet PDF - Sony Corporation

Part # CXA3050M
Download  CXA3050M Click to download

File Size   328.89 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description NICAM and SMATV RF MODULATOR/PLL

CXA3050M Datasheet (HTML) - Sony Corporation

Back Button CXA3050M Datasheet HTML 1Page - Sony Corporation CXA3050M Datasheet HTML 2Page - Sony Corporation CXA3050M Datasheet HTML 3Page - Sony Corporation CXA3050M Datasheet HTML 4Page - Sony Corporation CXA3050M Datasheet HTML 5Page - Sony Corporation CXA3050M Datasheet HTML 6Page - Sony Corporation CXA3050M Datasheet HTML 7Page - Sony Corporation CXA3050M Datasheet HTML 8Page - Sony Corporation CXA3050M Datasheet HTML 9Page - Sony Corporation CXA3050M Datasheet HTML 10Page - Sony Corporation Next Button 

CXA3050M Product details

Description

Fully synthesized I2C controlled UHF/VHF TV RF Modulator compatible with PAL and NTSC video

formats.



Features

• Minimal adjustment of external components

• For use on VHF and UHF TV Frequencies

• Video RF carrier frequency programmable in 125kHz steps

• Accepts NICAM 6.552MHz QPSK input signal

• Accepts FM Stereo input signal

• I2 C control of:

  a. Video RF Carrier Frequency

  b. Sound Carrier Frequency

  c. Modulation Depth (±2% Typ.)

  d. FM Deviation (±8% Typ.)

  e. P/S ratio (±1dB Typ.)

  f. Nicam output enable to sleep

  g. Video RF carrier enable to sleep

• On chip Regulator 3.1V




Similar Part No. - CXA3050M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V40E8 CREE-CXA3050-0000-000N00V40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V427F CREE-CXA3050-0000-000N00V427F Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V427H CREE-CXA3050-0000-000N00V427H Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00W20E6 CREE-CXA3050-0000-000N00W20E6 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
More results


Similar Description - CXA3050M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1929M SONY-CXA1929M Datasheet
326Kb / 18P
   TV RF MODULATOR/PLL
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
Texas Instruments
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
[Old version datasheet]   TRF3722 Quadrature Modulator with Integrated PLL and VCO
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
CXA8044Q ETC1-CXA8044Q Datasheet
37Kb / 2P
   BALANCED MODULATOR AND RF ENVELOPE DETECTOR
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
Panasonic Semiconductor
AN3117S PANASONIC-AN3117S Datasheet
71Kb / 7P
   RF modulator IC for VCR and VDP
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com