Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3068N Datasheet (PDF) - Sony Corporation

CXA3068N Datasheet PDF - Sony Corporation
Part # CXA3068N
Download  CXA3068N Download

File Size   144.89 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description L-band Down Converter for Satellite Tuner

CXA3068N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3068N Datasheet PDF - Sony Corporation

Part # CXA3068N
Download  CXA3068N Click to download

File Size   144.89 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description L-band Down Converter for Satellite Tuner

CXA3068N Datasheet (HTML) - Sony Corporation

Back Button CXA3068N Datasheet HTML 1Page - Sony Corporation CXA3068N Datasheet HTML 2Page - Sony Corporation CXA3068N Datasheet HTML 3Page - Sony Corporation CXA3068N Datasheet HTML 4Page - Sony Corporation CXA3068N Datasheet HTML 5Page - Sony Corporation CXA3068N Datasheet HTML 6Page - Sony Corporation CXA3068N Datasheet HTML 7Page - Sony Corporation CXA3068N Datasheet HTML 8Page - Sony Corporation CXA3068N Datasheet HTML 9Page - Sony Corporation CXA3068N Datasheet HTML 10Page - Sony Corporation Next Button 

CXA3068N Product details

Description
The CXA3068N is a monolithic IC to down-convert the L-band (930 to 2150 MHz) signal for the satellite broadcasting receiver. It has a double-balanced mixer, local oscillator circuit and IF amplifier on chip.

Features
• Balance-type Colpitts oscillator circuit provides a stable and wide range oscillation. Oscillation frequency : 2.63 GHz
• Small leak of the local oscillation signal due to the double-balanced mixer.
• Oscillation frequency drift is small, caused by the change of impedance at the pre-stage of RF input.
• Local oscillator output circuit for PLL.
• Single 5 V power supply operation.
• Low current consumption. ICC=53 mA (typ.)
• 16-pin SSOP package contributes to reduction in set size.

Applications
• Satellite broadcasting tuners for BS, CS, DSS and DVB. (Frequency conversion to the second IF)




Similar Part No. - CXA3068N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3067 SONY-CXA3067 Datasheet
386Kb / 24P
   Wide Band FSK Receiver
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
CXA3067M SONY-CXA3067M Datasheet
386Kb / 24P
   Wide Band FSK Receiver
More results


Similar Description - CXA3068N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1296FN TOSHIBA-TA1296FN Datasheet
227Kb / 22P
   Down-Converter IC with PLL for Satellite Tuner
logo
Mitel Networks Corporat...
SL2015 MITEL-SL2015 Datasheet
181Kb / 17P
   Full Band Satellite Tuner
SL2017 MITEL-SL2017 Datasheet
190Kb / 17P
   Full Band Satellite Tuner
logo
ATMEL Corporation
ATR2730 ATMEL-ATR2730 Datasheet
287Kb / 18P
   L-band Down-converter for DAB Receivers
logo
TEMIC Semiconductors
U2730B-B TEMIC-U2730B-B Datasheet
271Kb / 12P
   L-Band Down-Converter for DAB Receivers
logo
ATMEL Corporation
U2730B-N ATMEL-U2730B-N Datasheet
208Kb / 17P
   L-band Down-converter for DAB Receivers
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com