Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3106AQ Datasheet (PDF) - Sony Corporation

CXA3106AQ Datasheet PDF - Sony Corporation
Part # CXA3106AQ
Download  CXA3106AQ Download

File Size   800.53 Kbytes
Page   54 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description PLL IC for LCD Monitor/Projector

CXA3106AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3106AQ Datasheet PDF - Sony Corporation

Part # CXA3106AQ
Download  CXA3106AQ Click to download

File Size   800.53 Kbytes
Page   54 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description PLL IC for LCD Monitor/Projector

CXA3106AQ Datasheet (HTML) - Sony Corporation

Back Button CXA3106AQ Datasheet HTML 1Page - Sony Corporation CXA3106AQ Datasheet HTML 2Page - Sony Corporation CXA3106AQ Datasheet HTML 3Page - Sony Corporation CXA3106AQ Datasheet HTML 4Page - Sony Corporation CXA3106AQ Datasheet HTML 5Page - Sony Corporation CXA3106AQ Datasheet HTML 6Page - Sony Corporation CXA3106AQ Datasheet HTML 7Page - Sony Corporation CXA3106AQ Datasheet HTML 8Page - Sony Corporation CXA3106AQ Datasheet HTML 9Page - Sony Corporation CXA3106AQ Datasheet HTML 10Page - Sony Corporation Next Button 

CXA3106AQ Product details

Description

The CXA3106AQ is a PLL IC for LCD monitors/projectors with built-in phase detector, charge pump, VCO and counter. The various internal settings are performed by serial data via a 3-line bus. Applicable LCD monitor/projector resolution are NTSC, PAL, VGA, SVGA, XGA, and SXGA etc.



Features

• Supply voltage: 5V ± 10% single power supply

• Package: 48-pin QFP

• Power consumption: 350mW

• Sync input frequency: 10 to 100kHz

• Clock output signal frequency: 10 to 160MHz

• Clock delay: 1/16 to 20/16 CLK

• Sync delay: 1/16 to 20/16 CLK

• I/O level: TTL, PECL (complementary)

• Low clock jitter

• 1/2 clock output



Functions

• Phase detector enable

• UNLOCK output

• Output TTL disable function

• Power save function (2 steps)



Applications

• CRT displays

• LCD projectors

• LCD monitors

• Multi-media




Similar Part No. - CXA3106AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
More results


Similar Description - CXA3106AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
CXA3266Q SONY-CXA3266Q Datasheet
765Kb / 60P
   PLL IC for LCD Monitor/Projector
logo
Panasonic Semiconductor
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-EX16K PANASONIC-PT-EX16K Datasheet
1Mb / 16P
   LCD Projector
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
   LCD Projector
logo
PulseCore Semiconductor
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
Sharp Corporation
LQ64SP1 SHARP-LQ64SP1 Datasheet
78Kb / 1P
   Color TFT-LCD Module for OHP/Projector
logo
Toshiba Semiconductor
TC9246F TOSHIBA-TC9246F Datasheet
404Kb / 10P
   PLL IC FOR DIGITAL AUDIO
logo
Texas Instruments
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com