Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3197 Datasheet (PDF) - Sony Corporation

CXA3197 Datasheet PDF - Sony Corporation
Part # CXA3197
Download  CXA3197 Download

File Size   347.82 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 10-bit 125MSPS D/A Converter

CXA3197 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3197 Datasheet PDF - Sony Corporation

Part # CXA3197
Download  CXA3197 Click to download

File Size   347.82 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 10-bit 125MSPS D/A Converter

CXA3197 Datasheet (HTML) - Sony Corporation

Back Button CXA3197 Datasheet HTML 1Page - Sony Corporation CXA3197 Datasheet HTML 2Page - Sony Corporation CXA3197 Datasheet HTML 3Page - Sony Corporation CXA3197 Datasheet HTML 4Page - Sony Corporation CXA3197 Datasheet HTML 5Page - Sony Corporation CXA3197 Datasheet HTML 6Page - Sony Corporation CXA3197 Datasheet HTML 7Page - Sony Corporation CXA3197 Datasheet HTML 8Page - Sony Corporation CXA3197 Datasheet HTML 9Page - Sony Corporation CXA3197 Datasheet HTML 10Page - Sony Corporation Next Button 

CXA3197 Product details

Description
The CXA3197R is a high-speed D/A converter which can perform multiplexed input of two system 10-bit data.
This IC realizes a maximum conversion rate of 125MSPS. Multiplexed operation is possible by inputing the 1/2 frequency-divided clock or by halving the frequency of the clock internally with the clock frequency divider circuit having the reset pin. The data input is at TTL level, and the clock input and reset input can select either TTL or PECL level according to the application.

Features
• Maximum conversion rate:
    During PECL operation: 125MSPS
    During TTL operation: 100MSPS
• Resolution: 10 bits
• Low power consumption: 480mW (typ.)
• Data input level: TTL
• Clock, reset input level: TTL and PECL compatible
• 2:1 multiplexed input function
• 1/2 frequency-divided clock output possible by the built-in clock frequency divider circuit
• Voltage output (50Ω load drive possible)
• Single power supply or ±dual power supply operation
• Reset signal polarity switching function

Applications
• LCD
• DDS
• HDTV
• Communications (QPSK, QAM)
• Measuring devices




Similar Part No. - CXA3197

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3199 SONY-CXA3199 Datasheet
161Kb / 11P
   Wideband Pre-amplifier
CXA3199TN SONY-CXA3199TN Datasheet
161Kb / 11P
   Wideband Pre-amplifier
More results


Similar Description - CXA3197

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5721 INTERSIL-HI5721_03 Datasheet
637Kb / 14P
   10-Bit, 125MSPS, High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
DATEL, Inc.
DAC-1012 DATEL-DAC-1012 Datasheet
1Mb / 12P
   10-Bit, 125MSPS, Low-Power D/A Converters
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5514P ETC2-KAD5514P Datasheet
686Kb / 31P
   14-bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com