Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3250AN Datasheet (PDF) - Sony Corporation

CXA3250AN Datasheet PDF - Sony Corporation
Part # CXA3250AN
Download  CXA3250AN Download

File Size   415.69 Kbytes
Page   36 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description All Band TV Tuner IC with On-chip PLL

CXA3250AN Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3250AN Datasheet PDF - Sony Corporation

Part # CXA3250AN
Download  CXA3250AN Click to download

File Size   415.69 Kbytes
Page   36 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description All Band TV Tuner IC with On-chip PLL

CXA3250AN Datasheet (HTML) - Sony Corporation

Back Button CXA3250AN Datasheet HTML 1Page - Sony Corporation CXA3250AN Datasheet HTML 2Page - Sony Corporation CXA3250AN Datasheet HTML 3Page - Sony Corporation CXA3250AN Datasheet HTML 4Page - Sony Corporation CXA3250AN Datasheet HTML 5Page - Sony Corporation CXA3250AN Datasheet HTML 6Page - Sony Corporation CXA3250AN Datasheet HTML 7Page - Sony Corporation CXA3250AN Datasheet HTML 8Page - Sony Corporation CXA3250AN Datasheet HTML 9Page - Sony Corporation CXA3250AN Datasheet HTML 10Page - Sony Corporation Next Button 

CXA3250AN Product details

Description

The CXA3250AN is a monolithic TV tuner IC which integrates local oscillator and mixer circuits for VHF band, local oscillator and mixer circuits for UHF band, an IF amplifier and a tuning PLL onto a single chip, enabling further miniaturization of the tuner.



Features

Superior cross modulation

Balanced UHF oscillator (4 pins) with excellent oscillation stability

Supports both I2C and 3-wire bus modes

Automatic identification of 18, 19 or 27-bit control (during 3-wire bus mode)

On-chip A/D converter (during I2C bus mode)

On-chip high voltage drive transistor for charge pump

Reference frequency selectable from 31.25, 50 or 62.5 kHz (when using a 4 MHz crystal)

Low-phase noise synthesizer

On-chip 4-output band switch (supports output voltages from 5 to 9 V)



Applications

TV tuners

VCR tuners

CATV tuners



Structure

Bipolar silicon monolithic IC


 




Similar Part No. - CXA3250AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
More results


Similar Description - CXA3250AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com