Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3256R Datasheet (PDF) - Sony Corporation

CXA3256R Datasheet PDF - Sony Corporation
Part # CXA3256R
Download  CXA3256R Download

File Size   331.75 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 120MSPS Flash A/D Converter

CXA3256R Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3256R Datasheet PDF - Sony Corporation

Part # CXA3256R
Download  CXA3256R Click to download

File Size   331.75 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 120MSPS Flash A/D Converter

CXA3256R Datasheet (HTML) - Sony Corporation

Back Button CXA3256R Datasheet HTML 1Page - Sony Corporation CXA3256R Datasheet HTML 2Page - Sony Corporation CXA3256R Datasheet HTML 3Page - Sony Corporation CXA3256R Datasheet HTML 4Page - Sony Corporation CXA3256R Datasheet HTML 5Page - Sony Corporation CXA3256R Datasheet HTML 6Page - Sony Corporation CXA3256R Datasheet HTML 7Page - Sony Corporation CXA3256R Datasheet HTML 8Page - Sony Corporation CXA3256R Datasheet HTML 9Page - Sony Corporation CXA3256R Datasheet HTML 10Page - Sony Corporation Next Button 

CXA3256R Product details

Description
The CXA3256R is an 8-bit high-speed flash A/D converter capable of digitizing analog signals at the maximum rate of 120MSPS. ECL, PECL or TTL can be selected as the digital input level in accordance with the application. The TTL digital output level allows 1:2 demultiplexed output.
The CXA3256R is easier to be used by adding the new functions to the CXA3246Q and adopting a ultra-small package.

Features
• Differential linearity error: ±0.5LSB or less
• Integral linearity error: ±0.5LSB or less
• High-speed operation with a maximum conversion rate of 120MSPS
• Low input capacitance: 10pF
• Wide analog input bandwidth: 250MHz
• Low power consumption: 500mW
• Power saving function
• 1:2 demultiplexed output
• 1/2 frequency-divided clock output (with reset function)
• Compatible with ECL, PECL and TTL digital input levels
• TTL output "H" levels: 2.8V (Typ.)
• Output voltage control function (VOCLP)
• +3.3V line CMOS IC direct connecting available
• Single +5V power supply operation available
• Ultra-small surface mounting package (48-pin LQFP)

Applications
• Magnetic recording (PRML)
• Communications (QPSK, QAM)
• LCDs
• Digital oscilloscopes




Similar Part No. - CXA3256R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
More results


Similar Description - CXA3256R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com