Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1852Q Datasheet (PDF) - Sony Corporation

CXD1852Q Datasheet PDF - Sony Corporation
Part # CXD1852Q
Download  CXD1852Q Download

File Size   380.37 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description MPEG1 Decoder

CXD1852Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD1852Q Datasheet PDF - Sony Corporation

Part # CXD1852Q
Download  CXD1852Q Click to download

File Size   380.37 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description MPEG1 Decoder

CXD1852Q Datasheet (HTML) - Sony Corporation

Back Button CXD1852Q Datasheet HTML 1Page - Sony Corporation CXD1852Q Datasheet HTML 2Page - Sony Corporation CXD1852Q Datasheet HTML 3Page - Sony Corporation CXD1852Q Datasheet HTML 4Page - Sony Corporation CXD1852Q Datasheet HTML 5Page - Sony Corporation CXD1852Q Datasheet HTML 6Page - Sony Corporation CXD1852Q Datasheet HTML 7Page - Sony Corporation CXD1852Q Datasheet HTML 8Page - Sony Corporation CXD1852Q Datasheet HTML 9Page - Sony Corporation CXD1852Q Datasheet HTML 10Page - Sony Corporation Next Button 

CXD1852Q Product details

Description
The CXD1852Q is a single-chip MPEG1 decoder with a built-in CD-ROM decoder which allows decoding of MPEG1 system, video and audio layers. A built-in CD-ROM decoder enables direct connection with a CD-DSP. Combining this chip with a control microcomputer and 4-Mbit DRAM, etc. allows configuration of a MPEG1 decoding system for video CD players, etc.

Features
• Supply voltage: 3.3 ± 0.3V
• Input and output voltages: LVTTL compatible
• 5V can be applied as the input voltage (excluding some pins)
• Allows decoding of MPEG1 system, video and audio layers
• Built-in CD-ROM decoder allows direct connection with a CD-DSP
• CD-ROM decoded output can be transferred to and stored in an external DRAM
• RGB and YCbCr video data output allowed
• Built-in video sync generator
• Audio data output can support various DAC
• Supports various special playback modes
• Video CD PAL high resolution still picture can be decoded with a single 4-Mbit DRAM
• 8-bit parallel and 4-line serial host interfaces
• CD-DA through operation allowed

Applications
    Video CD players, MPEG1 decoder boards, etc.




Similar Part No. - CXD1852Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1856Q SONY-CXD1856Q Datasheet
407Kb / 31P
   MPEG1 Decoder
CXD1856R SONY-CXD1856R Datasheet
407Kb / 31P
   MPEG1 Decoder
More results


Similar Description - CXD1852Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1856Q SONY-CXD1856Q Datasheet
407Kb / 31P
   MPEG1 Decoder
logo
NXP Semiconductors
SAA7131 PHILIPS-SAA7131 Datasheet
5Mb / 94P
   FULL MPEG1 VIDEO AND AUDIO DECODER (FMPEG)
May 1995
logo
List of Unclassifed Man...
MPEG1 ETC-MPEG1 Datasheet
34Kb / 3P
   MPEG1
logo
STMicroelectronics
STI4600 STMICROELECTRONICS-STI4600 Datasheet
2Mb / 52P
   6 CHANNEL DOLBY AC-3 MPEG1/2 AUDIO DECODER
logo
List of Unclassifed Man...
ATJ2051 ETC-ATJ2051 Datasheet
626Kb / 34P
   MPEG1/2/2.5 Audio Layer 1, 2, 3 decoder
08/2004
logo
SamHop Microelectronics...
SM5032C SAMHOP-SM5032C Datasheet
28Kb / 6P
   DECODER
logo
List of Unclassifed Man...
BT829A ETC-BT829A Datasheet
1Mb / 136P
   VideoStream DECODER
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
NXP Semiconductors
TDA3560 PHILIPS-TDA3560 Datasheet
421Kb / 10P
   PAL DECODER
January 1980
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com