Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY8V2GP Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

ZY8V2GP Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # ZY8V2GP
Download  ZY8V2GP Download

File Size   7198.81 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Glass Passivated Zener Diode

ZY8V2GP Datasheet (PDF)

Go To PDF Page Download Datasheet
ZY8V2GP Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # ZY8V2GP
Download  ZY8V2GP Click to download

File Size   7198.81 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Glass Passivated Zener Diode

ZY8V2GP Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd

ZY8V2GP Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ZY8V2GP Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd

ZY8V2GP Product details

Glass Passivated Zener Diode

5.8V-188V 2W



FEATURES

• Glass passivated junction

• The plastic material carries

   U/L recognition 94 V-0

• Terminals: Axial Leads

• Polarity: Color band denotes cathode



 




Similar Part No. - ZY8V2GP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZY8V2GP ETC-ZY8V2GP Datasheet
65Kb / 4P
   2 W Glass Passivated Zener Diode
More results


Similar Description - ZY8V2GP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
List of Unclassifed Man...
ZY6V2GP ETC-ZY6V2GP Datasheet
65Kb / 4P
   2 W Glass Passivated Zener Diode
logo
Pan Jit International I...
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
MIC GROUP RECTIFIERS
MZ1.0GM3V9-100 MIC-MZ1.0GM3V9-100 Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
logo
Nanjing International G...
1N5343B DGNJDZ-1N5343B Datasheet
60Kb / 3P
   5 W Glass Passivated Zener Diode
logo
Transys Electronics
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com