Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3011R-1 Datasheet (PDF) - Sony Corporation

CXD3011R-1 Datasheet PDF - Sony Corporation
Part # CXD3011R-1
Download  CXD3011R-1 Download

File Size   1512.77 Kbytes
Page   160 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD Digital Signal Processor with Built-in Digital Servo and DAC

CXD3011R-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD3011R-1 Datasheet PDF - Sony Corporation

Part # CXD3011R-1
Download  CXD3011R-1 Click to download

File Size   1512.77 Kbytes
Page   160 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD Digital Signal Processor with Built-in Digital Servo and DAC

CXD3011R-1 Datasheet (HTML) - Sony Corporation

Back Button CXD3011R-1 Datasheet HTML 1Page - Sony Corporation CXD3011R-1 Datasheet HTML 2Page - Sony Corporation CXD3011R-1 Datasheet HTML 3Page - Sony Corporation CXD3011R-1 Datasheet HTML 4Page - Sony Corporation CXD3011R-1 Datasheet HTML 5Page - Sony Corporation CXD3011R-1 Datasheet HTML 6Page - Sony Corporation CXD3011R-1 Datasheet HTML 7Page - Sony Corporation CXD3011R-1 Datasheet HTML 8Page - Sony Corporation CXD3011R-1 Datasheet HTML 9Page - Sony Corporation CXD3011R-1 Datasheet HTML 10Page - Sony Corporation Next Button 

CXD3011R-1 Product details

Description
The CXD3011R-1 is a digital signal processor LSI for CD players. This LSI incorporates a digital servo, digital filter and 1-bit DAC.

Features
• All digital signal processing during playback is performed with a single chip
• Highly integrated mounting possible due to a builtin RAM

Digital Signal Processor (DSP) Block
• Playback mode which supports CAV (Constant Angular Velocity)
    • Frame jitter free
    • 0.5× to 32× continuous playback possible with a low external clock
    • Allows relative rotational velocity readout
• Wide capture range playback mode
    • Spindle rotational velocity following method
    • Supports 1× to 32× playback by switching the built-in VCO
• The bit clock, which strobes the EFM signal, is generated by the digital PLL.
• Digital PLL master clock can be set to 2/3 the conventional one.
• EFM data demodulation
• Enhanced EFM frame sync signal protection
• Refined super strategy-based powerful error correction C1: double correction, C2: quadruple correction Supported during 32× playback
• Noise reduction during track jumps
• Auto zero-cross mute
• Subcode demodulation and Sub-Q data error detection
• Digital CLV spindle servo (built-in oversampling filter)
• 16-bit traverse counter
• Asymmetry compensation circuit
• CPU interface on serial bus
• Error correction monitor signal, etc. output from a new CPU interface
• Servo auto sequencer
• Fine search performs track jumps with high accuracy
• Digital audio interface outputs
• Digital level meter, peak meter
• Bilingual compatible
• VCO control mode
• Digital out can be generated from the audio serial inputs.

Digital Servo (DSSP) Block
• Microcomputer software-based flexible servo control
• Offset cancel function for servo error signal
• Auto gain control function for servo loop
• E:F balance, focus bias adjustment function
• Surf jump and surf brake functions supporting micro two-axis
• Tracking filter: 6 series Focus filter: 5 series
• Servo drive DAC output possible

Digital Filter and DAC Blocks
• Digital de-emphasis
• Digital attenuation
• 8fs oversampling filter
• Adoption of a tertiary ∆∑ noise shaper
• Supports double-speed playback




Similar Part No. - CXD3011R-1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Similar Description - CXD3011R-1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com