Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63840FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M63840FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M63840FP
Download  M63840FP Download

File Size   281.11 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE

M63840FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M63840FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M63840FP
Download  M63840FP Click to download

File Size   281.11 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE

M63840FP Datasheet (HTML) - Mitsubishi Electric Semiconductor

M63840FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63840FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63840FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63840FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63840FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63840FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor

M63840FP Product details

DESCRIPTION
M63840P/FP/KP are eight-circuit output-sourcing Darlington transistor array. The circuits are made of PNP and NPN transistors. Both the semiconductor integrated circuits perform high-current driving with extremely low input-current supply.

FEATURES
● High breakdown voltage (BVCEO≧ 40V)
● High-current driving (IO(max)=-500mA )
● Driving available with TTL output or C-MOS IC output
● With output clamping diodes
● Wide operating temperature range (Ta= -40~+85℃)
● Output current-sourcing ty pe

APPLICATION
   Drives of relays, printers, LEDs, fluorescent display tubes and lamps. and interfaces between MOS-bipolar logic systems and relays, solenoids, of small motors.




Similar Part No. - M63840FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M63840FP MITSUBISHI-M63840FP Datasheet
1Mb / 7P
   8-Unit 500mA Source Type Darlington Transistor-Array With Clamp Diode
More results


Similar Description - M63840FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562FP MITSUBISHI-M54562FP Datasheet
274Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M63840KP MITSUBISHI-M63840KP Datasheet
276Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54563P MITSUBISHI-M54563P Datasheet
95Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54563FP MITSUBISHI-M54563FP Datasheet
275Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M63840P MITSUBISHI-M63840P Datasheet
1Mb / 7P
   8-Unit 500mA Source Type Darlington Transistor-Array With Clamp Diode
M54562WP MITSUBISHI-M54562WP Datasheet
210Kb / 5P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54563P MITSUBISHI-M54563P_12 Datasheet
103Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54563WP MITSUBISHI-M54563WP Datasheet
210Kb / 5P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com