Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800A820JT Datasheet (PDF) - RF Micro Devices

800A820JT Datasheet PDF - RF Micro Devices
Part # 800A820JT
Download  800A820JT Download

File Size   745.64 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 280W GaN WIDE-BAND PULSED POWER AMPLIFIER

800A820JT Datasheet (PDF)

Go To PDF Page Download Datasheet
800A820JT Datasheet PDF - RF Micro Devices

Part # 800A820JT
Download  800A820JT Click to download

File Size   745.64 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 280W GaN WIDE-BAND PULSED POWER AMPLIFIER

800A820JT Datasheet (HTML) - RF Micro Devices

800A820JT Datasheet HTML 1Page - RF Micro Devices 800A820JT Datasheet HTML 2Page - RF Micro Devices 800A820JT Datasheet HTML 3Page - RF Micro Devices 800A820JT Datasheet HTML 4Page - RF Micro Devices 800A820JT Datasheet HTML 5Page - RF Micro Devices 800A820JT Datasheet HTML 6Page - RF Micro Devices 800A820JT Datasheet HTML 7Page - RF Micro Devices 800A820JT Datasheet HTML 8Page - RF Micro Devices 800A820JT Datasheet HTML 9Page - RF Micro Devices 800A820JT Datasheet HTML 10Page - RF Micro Devices



Similar Part No. - 800A820JT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800A E-SWITCH-800A Datasheet
390Kb / 3P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Hammond Manufacturing L...
800A HAMMOND-800A Datasheet
208Kb / 3P
   Audio Broadcast Quality 800A Series
3/1/22, 7:09 PM
logo
E-SWITCH
800AWSP8M2QE E-SWITCH-800AWSP8M2QE Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800AWSP8M2QE E-SWITCH-800AWSP8M2QE Datasheet
390Kb / 3P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
More results


Similar Description - 800A820JT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1027 RFMD-RFHA1027 Datasheet
595Kb / 10P
   500W GaN Wide-Band Pulsed Power Amplifier
RFHA1028 RFMD-RFHA1028 Datasheet
824Kb / 11P
   160W GaN Wide-Band Pulsed Power Amplifier
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1023A RFMD-RFHA1023A Datasheet
616Kb / 10P
   250W GaN WIDE-BAND PULSED
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com