Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IFN004V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IFN004V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IFN004V1
Download  STEVAL-IFN004V1 Download

File Size   266.6 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BLDC six-step motor driver based on the L6230 and STM8S105

STEVAL-IFN004V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IFN004V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IFN004V1
Download  STEVAL-IFN004V1 Click to download

File Size   266.6 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BLDC six-step motor driver based on the L6230 and STM8S105

STEVAL-IFN004V1 Datasheet (HTML) - STMicroelectronics

STEVAL-IFN004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFN004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFN004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFN004V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IFN004V1 Datasheet HTML 5Page - STMicroelectronics

STEVAL-IFN004V1 Product details

Description
The STEVAL-IFN004V1 demonstration board is based on STMicroelectronics’ STM8S105 microcontroller and the DMOS fully integrated three-phase motor driver L6230 implementing 6-step scalar control of a BLDC motor.

Features
■ Input range: 8 V up to 48 V (up to 35 W)
■ STMicroelectronics’ STM8S105 8-bit microcontroller
■ DMOS fully integrated three-phase motor driver L6230 in a QFN package
■ Four-layer board
■ Best miniaturization vs. thermal performance ratio
■ Sensorless and hall-effect sensor operation
■ Current sensing mode: single-shunt resistor
■ Debug connector
■ SPI interface
■ RoHS compliant




Similar Part No. - STEVAL-IFN004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFN003V1 STMICROELECTRONICS-STEVAL-IFN003V1 Datasheet
368Kb / 5P
   PMSM FOC motor driver based on the L6230 and STM32F103
More results


Similar Description - STEVAL-IFN004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFN003V1 STMICROELECTRONICS-STEVAL-IFN003V1 Datasheet
368Kb / 5P
   PMSM FOC motor driver based on the L6230 and STM32F103
STEVAL-SPIN3204 STMICROELECTRONICS-STEVAL-SPIN3204 Datasheet
4Mb / 8P
   Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
Rev 1 - May 2019
STEVAL-IHM042V1 STMICROELECTRONICS-STEVAL-IHM042V1 Datasheet
421Kb / 8P
   Compact, low-voltage dual motor control evaluation board based on the STM32F303CC and L6230
March 2015 Rev 4
STEVAL-IHM040V1 STMICROELECTRONICS-STEVAL-IHM040V1 Datasheet
449Kb / 6P
   BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM??nano
December 2012 Rev 1
UM1943 STMICROELECTRONICS-UM1943 Datasheet
1Mb / 28P
   Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
September 2015 Rev 1
X-NUCLEO-IHM07M1 STMICROELECTRONICS-X-NUCLEO-IHM07M1 Datasheet
6Mb / 7P
   Three-phase brushless DC motor driver expansion board based on L6230 for STM32 Nucleo
Rev 2 - July 2021
AN4243 STMICROELECTRONICS-AN4243 Datasheet
955Kb / 29P
   The L6230 DMOS driver for three-phase brushless DC motor
X-NUCLEONUCLEO-IHM08M1 STMICROELECTRONICS-X-NUCLEONUCLEO-IHM08M1 Datasheet
777Kb / 6P
   Low-Voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
June 2017 Rev 3
EVAL6235Q STMICROELECTRONICS-EVAL6235Q Datasheet
1Mb / 9P
   3-phase BLDC motor driver mounting the L6235Q
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com