Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX058CK Datasheet (PDF) - Sony Corporation

ICX058CK Datasheet PDF - Sony Corporation
Part # ICX058CK
Download  ICX058CK Download

File Size   213.87 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Camera

ICX058CK Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX058CK Datasheet PDF - Sony Corporation

Part # ICX058CK
Download  ICX058CK Click to download

File Size   213.87 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Camera

ICX058CK Datasheet (HTML) - Sony Corporation

Back Button ICX058CK Datasheet HTML 1Page - Sony Corporation ICX058CK Datasheet HTML 2Page - Sony Corporation ICX058CK Datasheet HTML 3Page - Sony Corporation ICX058CK Datasheet HTML 4Page - Sony Corporation ICX058CK Datasheet HTML 5Page - Sony Corporation ICX058CK Datasheet HTML 6Page - Sony Corporation ICX058CK Datasheet HTML 7Page - Sony Corporation ICX058CK Datasheet HTML 8Page - Sony Corporation ICX058CK Datasheet HTML 9Page - Sony Corporation ICX058CK Datasheet HTML 10Page - Sony Corporation Next Button 

ICX058CK Product details

Description

The ICX058CK is an interline CCD solid-state image sensor suitable for NTSC color video cameras. Compared with the current product ICX058AK, sensitivity is improved drastically through the adoption of Super HAD CCD technology. High resolution is achieved through the use of Ye, Cy, Mg, and G complementary color mosaic filters.

This chip features a field period readout system and an electronic shutter with variable charge-storage time.



Features

• High sensitivity (+3dB at F5.6, +4dB at F1.2 compared with ICX058AK)

• High resolution, low smear and low dark current

• Excellent antiblooming characteristics

• Continuous variable-speed shutter

• Ye, Cy, Mg, and G complementary color mosaic filters on chip

• Horizontal register: 5V drive

• Reset gate:           5V drive



 




Similar Part No. - ICX058CK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX058CL SONY-ICX058CL Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA Black-and-White Video Camera
More results


Similar Description - ICX058CK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX054BK SONY-ICX054BK Datasheet
208Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX408AK SONY-ICX408AK Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX404AK SONY-ICX404AK Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX254AK SONY-ICX254AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX059CK SONY-ICX059CK Datasheet
214Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Camera
ICX058AKB SONY-ICX058AKB Datasheet
823Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Cameras?
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com