Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX097AKE Datasheet (PDF) - Sony Corporation

ICX097AKE Datasheet PDF - Sony Corporation
Part # ICX097AKE
Download  ICX097AKE Download

File Size   185.6 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 3mm (Type 1/6) CCD Image Sensor for PAL Color Cameras

ICX097AKE Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX097AKE Datasheet PDF - Sony Corporation

Part # ICX097AKE
Download  ICX097AKE Click to download

File Size   185.6 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 3mm (Type 1/6) CCD Image Sensor for PAL Color Cameras

ICX097AKE Datasheet (HTML) - Sony Corporation

Back Button ICX097AKE Datasheet HTML 1Page - Sony Corporation ICX097AKE Datasheet HTML 2Page - Sony Corporation ICX097AKE Datasheet HTML 3Page - Sony Corporation ICX097AKE Datasheet HTML 4Page - Sony Corporation ICX097AKE Datasheet HTML 5Page - Sony Corporation ICX097AKE Datasheet HTML 6Page - Sony Corporation ICX097AKE Datasheet HTML 7Page - Sony Corporation ICX097AKE Datasheet HTML 8Page - Sony Corporation ICX097AKE Datasheet HTML 9Page - Sony Corporation ICX097AKE Datasheet HTML 10Page - Sony Corporation Next Button 

ICX097AKE Product details

Description
The ICX097AKE is an interline CCD solid-state image sensor suitable for PAL small color cameras. Ye, Cy, Mg, and G complementary color mosaic filters are used. At the same time, high sensitivity and low dark current are achieved through the adoption of Super HAD CCD technology.
This chip features a field period readout system and an electronic shutter with variable chargestorage time.
The package is a small 12-pin SON(LCC).

Features
• High sensitivity and low dark current
• Horizontal register: 3.3 to 5.0V drive
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• Low smear
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Recommended range of exit pupil distance: –10mm to –∞
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
• 12-pin ceramic SON(LCC) package




Similar Part No. - ICX097AKE

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX096AKE SONY-ICX096AKE Datasheet
185Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for NTSC Color Cameras
ICX098 SONY-ICX098 Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098 SONY-ICX098 Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098AK SONY-ICX098AK Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results


Similar Description - ICX097AKE

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX239AKE SONY-ICX239AKE Datasheet
183Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for PAL Color Cameras
ICX096AKE SONY-ICX096AKE Datasheet
185Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for NTSC Color Cameras
ICX238AKE SONY-ICX238AKE Datasheet
182Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for NTSC Color Cameras
ICX059AKB SONY-ICX059AKB Datasheet
498Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX039DNA SONY-ICX039DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039DNB SONY-ICX039DNB Datasheet
212Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX087AKB SONY-ICX087AKB Datasheet
189Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX089AK SONY-ICX089AK Datasheet
262Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com