Electronic Components Datasheet Search |
|
FCB20N60F Datasheet (PDF) - Fairchild Semiconductor |
FCB20N60F Datasheet (PDF) |
Download Datasheet |
Part # | FCB20N60F_12 |
Download | FCB20N60F Click to download |
File Size | 341.81 Kbytes |
Page | 6 Pages |
Manufacturer | FAIRCHILD [Fairchild Semiconductor] |
Direct Link | http://www.fairchildsemi.com |
Logo | |
Description | 600V N-Channe MOSFET 600V, 20A, 190m廓 |
FCB20N60F Datasheet (HTML) - Fairchild Semiconductor |
Similar Part No. - FCB20N60F_12 |
|
Similar Description - FCB20N60F_12 |
|
About Fairchild Semiconductor |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |