Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX08 Datasheet (PDF) - Fairchild Semiconductor

74LCX08 Datasheet PDF - Fairchild Semiconductor
Part # 74LCX08_08
Download  74LCX08 Download

File Size   764.03 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs

74LCX08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX08 Datasheet PDF - Fairchild Semiconductor

Part # 74LCX08_08
Download  74LCX08 Click to download

File Size   764.03 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs

74LCX08 Datasheet (HTML) - Fairchild Semiconductor

Back Button 74LCX08_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 



Similar Part No. - 74LCX08_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX08BQX FAIRCHILD-74LCX08BQX Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX08BQX ONSEMI-74LCX08BQX Datasheet
745Kb / 9P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
August-2017, Rev. 2
logo
Toshiba Semiconductor
74LCX08FT TOSHIBA-74LCX08FT Datasheet
162Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-09-13 Rev.4.0
logo
Fairchild Semiconductor
74LCX08M FAIRCHILD-74LCX08M Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX08M FAIRCHILD-74LCX08M Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
More results


Similar Description - 74LCX08_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX08 ONSEMI-74LCX08 Datasheet
745Kb / 9P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
August-2017, Rev. 2
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX08 FAIRCHILD-74LCX08 Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX08 STMICROELECTRONICS-74LVX08 Datasheet
163Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LVX08 STMICROELECTRONICS-74LVX08_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LCX08 STMICROELECTRONICS-74LCX08 Datasheet
245Kb / 15P
   Low voltage CMOS QUAD 2-input AND gate with 5V tolerant inputs
logo
Toshiba Semiconductor
TC74LCX08F TOSHIBA-TC74LCX08F Datasheet
251Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com