Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX252AKF Datasheet (PDF) - Sony Corporation

ICX252AKF Datasheet PDF - Sony Corporation
Part # ICX252AKF
Download  ICX252AKF Download

File Size   482.62 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras

ICX252AKF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX252AKF Datasheet PDF - Sony Corporation

Part # ICX252AKF
Download  ICX252AKF Click to download

File Size   482.62 Kbytes
Page   30 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras

ICX252AKF Datasheet (HTML) - Sony Corporation

Back Button ICX252AKF Datasheet HTML 1Page - Sony Corporation ICX252AKF Datasheet HTML 2Page - Sony Corporation ICX252AKF Datasheet HTML 3Page - Sony Corporation ICX252AKF Datasheet HTML 4Page - Sony Corporation ICX252AKF Datasheet HTML 5Page - Sony Corporation ICX252AKF Datasheet HTML 6Page - Sony Corporation ICX252AKF Datasheet HTML 7Page - Sony Corporation ICX252AKF Datasheet HTML 8Page - Sony Corporation ICX252AKF Datasheet HTML 9Page - Sony Corporation ICX252AKF Datasheet HTML 10Page - Sony Corporation Next Button 

ICX252AKF Product details

Description
The ICX252AKF is a diagonal 8.933mm (Type 1/1.8) interline CCD solid-state image sensor with a square pixel array and 3.24M effective pixels. Frame readout allows all pixels signals to be output independently within approximately 1/4.28 second. Also, number of vertical pixels decimation allows output of 30 frames per second in high frame rate readout mode. Ye, Cy, Mg, G complementary color mosaic filters are used as the color filters, and at the same time high sensitivity and low dark current are achieved through the adoption of Super HAD CCD technology.

Features
• Supports frame readout
• High horizontal and vertical resolution
• Supports high frame rate readout mode: 30 frames/s, AF1 mode: 60 frames/s, 50 frames/s, AF2 mode: 120 frames/s, 100 frames/s
• Square pixel
• Horizontal drive frequency: 18MHz
• No voltage adjustments (reset gate and substrate bias are not adjusted.)
• Ye, Cy, Mg, G complementary color mosaic filters on chip
• High sensitivity, low dark current
• Continuous variable-speed shutter
• Excellent anti-blooming characteristics
• 20-pin high-precision plastic package




Similar Part No. - ICX252AKF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results


Similar Description - ICX252AKF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX412AQF SONY-ICX412AQF Datasheet
347Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
   Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX406AQF SONY-ICX406AQF Datasheet
349Kb / 33P
   Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX224AK SONY-ICX224AK Datasheet
388Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQF SONY-ICX224AQF Datasheet
379Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com