Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX434DQN Datasheet (PDF) - Sony Corporation

ICX434DQN Datasheet PDF - Sony Corporation
Part # ICX434DQN
Download  ICX434DQN Download

File Size   329.01 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras

ICX434DQN Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX434DQN Datasheet PDF - Sony Corporation

Part # ICX434DQN
Download  ICX434DQN Click to download

File Size   329.01 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras

ICX434DQN Datasheet (HTML) - Sony Corporation

Back Button ICX434DQN Datasheet HTML 1Page - Sony Corporation ICX434DQN Datasheet HTML 2Page - Sony Corporation ICX434DQN Datasheet HTML 3Page - Sony Corporation ICX434DQN Datasheet HTML 4Page - Sony Corporation ICX434DQN Datasheet HTML 5Page - Sony Corporation ICX434DQN Datasheet HTML 6Page - Sony Corporation ICX434DQN Datasheet HTML 7Page - Sony Corporation ICX434DQN Datasheet HTML 8Page - Sony Corporation ICX434DQN Datasheet HTML 9Page - Sony Corporation ICX434DQN Datasheet HTML 10Page - Sony Corporation Next Button 

ICX434DQN Product details

Description
The ICX434DQN is a diagonal 5.68mm (Type 1/3.2) interline CCD solid-state image sensor with a square pixel array and 2.02M effective pixels. Frame readout allows all pixels signals to be output independently within approximately 1/7.5 second.

Features
• Supports frame readout
• High horizontal and vertical resolution
• Supports high frame rate readout mode: 30 frames/s
• Square pixel
• Horizontal drive frequency: 18MHz
• No voltage adjustments (reset gate and substrate bias are not adjusted.)
• R, G, B primary color mosaic filters on chip
• High color reproductivity, high sensitivity, low smear
• Continuous variable-speed shutter
• Low dark current, excellent anti-blooming characteristics
• 16-pin high-precision plastic package (top/bottom dual surface reference possible)




Similar Part No. - ICX434DQN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX434AQ SONY-ICX434AQ Datasheet
335Kb / 23P
   Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results


Similar Description - ICX434DQN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX434AQ SONY-ICX434AQ Datasheet
335Kb / 23P
   Diagonal 5.68mm (Type 1/3.2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AK SONY-ICX224AK Datasheet
388Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQF SONY-ICX224AQF Datasheet
379Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AKF SONY-ICX224AKF Datasheet
392Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX284AQ SONY-ICX284AQ Datasheet
369Kb / 24P
   Diagonal 6.64mm (Type 1/2.7) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com