Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX007CN Datasheet (PDF) - Sony Corporation

LCX007CN Datasheet PDF - Sony Corporation
Part # LCX007CN
Download  LCX007CN Download

File Size   611.11 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3.4cm (1.35-inch) Black-and-White LCD Panel

LCX007CN Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX007CN Datasheet PDF - Sony Corporation

Part # LCX007CN
Download  LCX007CN Click to download

File Size   611.11 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3.4cm (1.35-inch) Black-and-White LCD Panel

LCX007CN Datasheet (HTML) - Sony Corporation

Back Button LCX007CN Datasheet HTML 1Page - Sony Corporation LCX007CN Datasheet HTML 2Page - Sony Corporation LCX007CN Datasheet HTML 3Page - Sony Corporation LCX007CN Datasheet HTML 4Page - Sony Corporation LCX007CN Datasheet HTML 5Page - Sony Corporation LCX007CN Datasheet HTML 6Page - Sony Corporation LCX007CN Datasheet HTML 7Page - Sony Corporation LCX007CN Datasheet HTML 8Page - Sony Corporation LCX007CN Datasheet HTML 9Page - Sony Corporation LCX007CN Datasheet HTML 10Page - Sony Corporation Next Button 

LCX007CN Product details

Description
The LCX007CN is a 3.4cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with built-in peripheral driving circuit. Use of three panels in combination with the LCX007CL provides a full-color representation. (The LCX007CN has the visual field angle characteristics of mirror symmetry to those of the LCX007CL.) f

Features
• The number of active dots: 512,880 (1.35-inch; 3.4cm in diagonal)
• Horizontal resolution: 600 TV lines
• High optical transmittance: 16.5% (typ.)
• High contrast ratio with normally white mode: 190 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• NTSC/NTSC-WIDE/HD (band: 20MHz) mode selectable (PAL/PAL-WIDE mode also available through conversion of scanned dot numbers by an external IC)
• Up/down and/or right/left inverse display function
• Side-black function
• 16:9 and 4:3 aspect-ratio switching function

Applications
• Liquid crystal projectors
• Super compact liquid crystal monitors
• Viewfinders etc.




Similar Part No. - LCX007CN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Similar Description - LCX007CN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
   3.4cm (1.35 Type) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com