Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX026ALF Datasheet (PDF) - Sony Corporation

LCX026ALF Datasheet PDF - Sony Corporation
Part # LCX026ALF
Download  LCX026ALF Download

File Size   346.82 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2.3cm (0.9-inch) Black-and-White LCD Panel

LCX026ALF Datasheet (PDF)

Go To PDF Page Download Datasheet
LCX026ALF Datasheet PDF - Sony Corporation

Part # LCX026ALF
Download  LCX026ALF Click to download

File Size   346.82 Kbytes
Page   24 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2.3cm (0.9-inch) Black-and-White LCD Panel

LCX026ALF Datasheet (HTML) - Sony Corporation

Back Button LCX026ALF Datasheet HTML 1Page - Sony Corporation LCX026ALF Datasheet HTML 2Page - Sony Corporation LCX026ALF Datasheet HTML 3Page - Sony Corporation LCX026ALF Datasheet HTML 4Page - Sony Corporation LCX026ALF Datasheet HTML 5Page - Sony Corporation LCX026ALF Datasheet HTML 6Page - Sony Corporation LCX026ALF Datasheet HTML 7Page - Sony Corporation LCX026ALF Datasheet HTML 8Page - Sony Corporation LCX026ALF Datasheet HTML 9Page - Sony Corporation LCX026ALF Datasheet HTML 10Page - Sony Corporation Next Button 

LCX026ALF Product details

Description
The LCX026ALF is a 2.3cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with a built-in peripheral driving circuit. Use of three LCX026ALF panels provides a full-color representation. The striped arrangement suitable for data projectors is capable of displaying fine text and vertical lines.

Features
• Number of active dots: 485,000 (0.9-inch, 2.3cm in diagonal)
• Accepts the computer requirements of SVGA (804 × 604), VGA (644 × 484) and PC98 (644 × 404) platforms
• Supports NTSC (644 × 484) and PAL (762 × 572) by processing the video signal at double speed
• High optical transmittance: 17% (typ.)
• Built-in cross talk free circuit and ghost free circuit
• High contrast ratio with normally white mode: 350 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function
• High durable polarizer used
• Built-in λ/2 retardation film for red light (V)

Applications
• Liquid crystal data projectors
• Liquid crystal projectors, etc.




Similar Part No. - LCX026ALF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX026AL SONY-LCX026AL Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALE SONY-LCX026ALE Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results


Similar Description - LCX026ALF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX026ALE SONY-LCX026ALE Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026BLT SONY-LCX026BLT Datasheet
364Kb / 25P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026AL SONY-LCX026AL Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CRT SONY-LCX029CRT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com