Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFPF10UA60ST Datasheet (PDF) - Fairchild Semiconductor

FFPF10UA60ST Datasheet PDF - Fairchild Semiconductor
Part # FFPF10UA60ST
Download  FFPF10UA60ST Download

File Size   351.61 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 10A, 600V Ultra Fast II Rectifier

FFPF10UA60ST Datasheet (PDF)

Go To PDF Page Download Datasheet
FFPF10UA60ST Datasheet PDF - Fairchild Semiconductor

Part # FFPF10UA60ST
Download  FFPF10UA60ST Click to download

File Size   351.61 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 10A, 600V Ultra Fast II Rectifier

FFPF10UA60ST Datasheet (HTML) - Fairchild Semiconductor

FFPF10UA60ST Datasheet HTML 1Page - Fairchild Semiconductor FFPF10UA60ST Datasheet HTML 2Page - Fairchild Semiconductor FFPF10UA60ST Datasheet HTML 3Page - Fairchild Semiconductor FFPF10UA60ST Datasheet HTML 4Page - Fairchild Semiconductor FFPF10UA60ST Datasheet HTML 5Page - Fairchild Semiconductor



Similar Part No. - FFPF10UA60ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF10U120S FAIRCHILD-FFPF10U120S Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF10U120STU FAIRCHILD-FFPF10U120STU Datasheet
81Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF10U150S FAIRCHILD-FFPF10U150S Datasheet
74Kb / 4P
   DAMPER DIODE
FFPF10U20 FAIRCHILD-FFPF10U20 Datasheet
74Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF10U20 FAIRCHILD-FFPF10U20 Datasheet
109Kb / 4P
   FAST RECOVERY POWER RECTIFIER
More results


Similar Description - FFPF10UA60ST

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF10L08G TSC-UGF10L08G Datasheet
212Kb / 4P
   10A, 600V Isolated Ultra Fast Rectifier
UGF10L08GA TSC-UGF10L08GA Datasheet
211Kb / 4P
   10A, 600V Isolated Ultra Fast Rectifier
logo
Fairchild Semiconductor
FFPF20UA60DN FAIRCHILD-FFPF20UA60DN Datasheet
557Kb / 5P
   20A, 600V Ultra Fast II Rectifier
logo
Taiwan Semiconductor Co...
UG1004G TSC-UG1004G Datasheet
209Kb / 4P
   10A, 200V - 600V Ultra Fast Rectifiers
logo
Frontier Electronics.
UFF100-005-LFR FRONTIER-UFF100-005-LFR Datasheet
132Kb / 2P
   10A ULTRA FAST RECOVERY RECTIFIER
UFF100-005 FRONTIER-UFF100-005 Datasheet
67Kb / 2P
   10A ULTRA FAST RECOVERY RECTIFIER
SF1005FCT FRONTIER-SF1005FCT Datasheet
1Mb / 2P
   10A SUPER FAST RECOVERY RECTIFIER 50V-600V
UFF100-005CT FRONTIER-UFF100-005CT Datasheet
132Kb / 2P
   10A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF100-005CT-LFR FRONTIER-UFF100-005CT-LFR Datasheet
132Kb / 2P
   10A DUAL ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SFR10S40AD ETC-SFR10S40AD Datasheet
420Kb / 5P
   10A, 400V ULTRA-FAST RECOVERY RECTIFIER
Rev.: 1.4
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com