Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD1138VL Datasheet (PDF) - Sony Corporation

SLD1138VL Datasheet PDF - Sony Corporation
Part # SLD1138VL
Download  SLD1138VL Download

File Size   43.09 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 650nm Multimode Red Laser Diode

SLD1138VL Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD1138VL Datasheet PDF - Sony Corporation

Part # SLD1138VL
Download  SLD1138VL Click to download

File Size   43.09 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 650nm Multimode Red Laser Diode

SLD1138VL Datasheet (HTML) - Sony Corporation

SLD1138VL Datasheet HTML 1Page - Sony Corporation SLD1138VL Datasheet HTML 2Page - Sony Corporation SLD1138VL Datasheet HTML 3Page - Sony Corporation SLD1138VL Datasheet HTML 4Page - Sony Corporation

SLD1138VL Product details

Description
The SLD1138VL is a longitudinal multimode red laser diode designed for DVD systems.

Features
• Low operation current (50mA typ.)
• Small package (φ5.6mm)
• Longitudinal multimode

Applications
   DVD

Structure
• AlGaInP MQW laser diode
• PIN photodiode to monitor laser beam output




Similar Part No. - SLD1138VL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
   Index-Guided Red Laser Diode
SLD1132VS SONY-SLD1132VS Datasheet
86Kb / 6P
   635nm Red Laser Diode
SLD1133VL SONY-SLD1133VL Datasheet
113Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
More results


Similar Description - SLD1138VL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1134VL SONY-SLD1134VL Datasheet
260Kb / 6P
   650nm Pulsation Red Laser Diode
logo
Rohm
RLD65NZX1 ROHM-RLD65NZX1 Datasheet
1Mb / 9P
   650nm Red Single Mode Laser Diode
RLD65PZX3 ROHM-RLD65PZX3 Datasheet
711Kb / 9P
   650nm Red Single Mode Laser Diode
logo
Sony Corporation
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1137VS SONY-SLD1137VS Datasheet
67Kb / 6P
   650nm Index-Guided Red Laser Diode
logo
Rohm
RLD65MZT7 ROHM-RLD65MZT7 Datasheet
712Kb / 9P
   650nm Red Single Mode Laser Diode
RLD65NZN5 ROHM-RLD65NZN5 Datasheet
930Kb / 9P
   650nm Red Single Mode Laser Diode
2023.6 - Rev.002
RLD65NZX2 ROHM-RLD65NZX2 Datasheet
713Kb / 9P
   650nm Red Single Mode Laser Diode
RLD65PZX2 ROHM-RLD65PZX2 Datasheet
714Kb / 9P
   650nm Red Single Mode Laser Diode
logo
Sony Corporation
SLD1135VS SONY-SLD1135VS Datasheet
60Kb / 3P
   650nm Index-Guided Red Laser Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com